Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3752 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3752
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752 Datasheet(HTML) 3 Page - Linear Technology

  LT3752 Datasheet HTML 1Page - Linear Technology LT3752 Datasheet HTML 2Page - Linear Technology LT3752 Datasheet HTML 3Page - Linear Technology LT3752 Datasheet HTML 4Page - Linear Technology LT3752 Datasheet HTML 5Page - Linear Technology LT3752 Datasheet HTML 6Page - Linear Technology LT3752 Datasheet HTML 7Page - Linear Technology LT3752 Datasheet HTML 8Page - Linear Technology LT3752 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LT8311
3
8311f
For more information www.linear.com/LT8311
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
CSW, FSW, CSP ....................................... –0.3V to 150V
SYNC ...........................................................–12V to 12V
VIN, PGOOD................................................ –0.3V to 30V
INTVCC, PMODE......................................... –0.3V to 18V
FB, SS, COMP ........................................... –0.3V to 2.5V
TIMER....................................................... –0.3V to 1.5V
CSN........................................................... –0.3V to 0.4V
OPTO, TIMER Short-Circuit
Current Duration .................................... Infinite (Note 5)
Operating Junction Temperature Range
LT8311E (Notes 2, 3) ......................... –40°C to 125°C
LT8311I (Notes 2, 3) .......................... –40°C to 125°C
LT8311H (Notes 2, 3)......................... –40°C to 150°C
LT8311MP (Notes 2, 3) ...................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10sec)....................300°C
(Note 1)
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
3
5
6
7
8
9
10
TOP VIEW
20
18
16
15
14
13
12
11
CSW
FSW
FG
INTVCC
VIN
PMODE
OPTO
COMP
CSP
CSN
CG
SYNC
SS
PGOOD
TIMER
FB
21
GND
θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8311EFE#PBF
LT8311EFE#TRPBF
LT8311FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8311IFE#PBF
LT8311IFE#TRPBF
LT8311FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8311HFE#PBF
LT8311HFE#TRPBF
LT8311FE
20-Lead Plastic TSSOP
–40°C to 150°C
LT8311MPFE#PBF
LT8311MPFE#TRPBF
LT8311FE
20-Lead Plastic TSSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com