Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1353 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1353
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1353 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1353 Datasheet HTML 10Page - Linear Technology LT1353 Datasheet HTML 11Page - Linear Technology LT1353 Datasheet HTML 12Page - Linear Technology LT1353 Datasheet HTML 13Page - Linear Technology LT1353 Datasheet HTML 14Page - Linear Technology LT1353 Datasheet HTML 15Page - Linear Technology LT1353 Datasheet HTML 16Page - Linear Technology LT1353 Datasheet HTML 17Page - Linear Technology LT1353 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT6274/LT6275
14
6275fa
For more information www.linear.com/LT6275
TYPICAL APPLICATIONS
Noninverting Amplifier Slew Rate and Step Response
Figure 1 shows a noninverting amplifier with closed-loop
gain of 11V/V. The closed-loop bandwidth of this ampli-
fier is approximately GBW/11 (GBW = Gain-Bandwidth
Product). For a step input, the output follows an expo-
nential curve:
VOUT = VINITIAL +AV • VINPUTSTEP • 1–e
– t
τ
⎛
⎝
⎜
⎞
⎠
⎟
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟ (1)
where τ = time constant associated with the closed-loop
bandwidth.
The maximum slew rate occurs in the beginning of the
output response:
VOUTSRMAX = AV • VINPUSTEP •
1
τ
(2)
Keep in mind that the closed-loop bandwidth and the
closed-loop gain are related (τ = τo AV), so Equation (2)
is simplified to:
VOUTSRMAX = VINPUTSTEP •
1
τo
(3)
where τo = time constant associated with the LT6274/
LT6275 GBW.
Interestingly, Equation (3) reveals that the maximum slew
rate is nominally related only to the input step size and the
op amp’s inherent GBW. Closing the loop to implement
AV > 1 gain configurations slows down the response, but
increases the excursion. The resulting maximum slew rate
remains the same.
The LT6274/LT6275 feature ample slew rate capability
with low power consumption. Because the input stage
architecture allows high slew rate with low input stage
quiescent currents, the overall power consumption when
amplifying pulses is very low; additional power is only
drawn from the supplies during the highest slew rate
moments of the exponential response.
Since GBW of the LT6274/LT6275 is 40MHz, Equation (3)
suggests that the maximum slew rate in a step response
whose output swings 25V (implying VINPUTSTEP = 25/11
= 2.27V) is 571V/µs. The LT6274/LT6275 high slew
capability ensures that the output response is never slew
rate limited despite the very high excursion.
Figure 2 shows the output response to varying input step
amplitudes. Note that none of the exponential responses
is limited by the initial slew rate (which increases with
increasing amplitude).
As a particular example, with AV = +11V/V, 15V output
excursion, and 40 MHz GBW, Equation (3) predicts a
maximum slew rate of 343V/μs. Measurement on the cor-
responding curve in Figure 2 shows 390V/μs, which is in
good agreement with the prediction. As another example,
with an 18.5V output excursion, the predicted maximum
slew rate is 423V/μs; measurement shows 460V/μs.
As the peak to peak voltage of the input step changes, the
maximum initial slew rate changes. The 63% rise time
of the closed loop response, however, does not change
(as seen in Figure 2), because the closed loop bandwidth
stays constant for all input amplitudes.
RF
2k
6275 TA06
RG
200
1/2 LT6275
+15V
–15V
VIN
VOUT
AV = +11
50ns/DIV
–15
–12
–9
–6
–3
0
3
6
9
12
15
6275 TA07
Figure 1. LT6275 Configured in a Noninverting Gain of AV = +11V/V
Figure 2. Noninverting Amplifier Step Response (AV = +11V/V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com