Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1353 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1353
Description  90MHz, 2200V/關s 30V Low Power Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1353 Datasheet(HTML) 3 Page - Linear Technology

  LT1353 Datasheet HTML 1Page - Linear Technology LT1353 Datasheet HTML 2Page - Linear Technology LT1353 Datasheet HTML 3Page - Linear Technology LT1353 Datasheet HTML 4Page - Linear Technology LT1353 Datasheet HTML 5Page - Linear Technology LT1353 Datasheet HTML 6Page - Linear Technology LT1353 Datasheet HTML 7Page - Linear Technology LT1353 Datasheet HTML 8Page - Linear Technology LT1353 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT6274/LT6275
3
6275fa
For more information www.linear.com/LT6275
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 7)
l
±0.15
±0.4
±1.2
mV
mV
∆VOS/∆T Input Offset Voltage Drift (Note 8)
l
±4
±10
µV/°C
IB
Input Bias Current
l
±100
±500
±1000
nA
nA
IOS
Input Offset Current
l
±3
±30
±50
nA
nA
en
Input Voltage Noise Density
f = 1kHz
10
nV/√Hz
Low Frequency Integrated Voltage Noise
0.1Hz to 10Hz
1
µVP-P
1/f
1/f Noise Corner Frequency
Voltage Noise
Current Noise
30
70
Hz
Hz
in
Input Current Noise Density
f = 1kHz
0.5
pA/√Hz
RIN
Input Resistance
Common Mode, VCM = ±12V, VS = ±15V
Differential Mode
l
100
700
20
MΩ
MΩ
CIN
Input Capacitance
Common Mode
Differential Mode
3
0.4
pF
pF
VINCM
Input Voltage Range + (Note 9)
VS = ±15V
VS = ±5V
l
l
12
2.5
13.4
3.4
V
V
Input Voltage Range – (Note 9)
VS = ±15V
VS = ±5V
l
l
–13.2
–3.2
–12
–2.5
V
V
CMRR
Common Mode Rejection Ratio
VS = ±15V, VCM = ±12V
VS = ±5V, VCM = ±2.5V
l
l
90
80
110
102
dB
dB
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±16V
l
90
115
dB
VS
Supply Voltage Range (Note 10)
l
9
32
V
Channel Separation
VS = ±15V, VOUT = ±1V, AV = 1, RL = 1kΩ
l
100
126
dB
AVOL
Open-Loop Voltage Gain
VS = ±15V, VOUT = ±12V, RL = 1kΩ
VS = ±5V, VOUT = ±2.5V, RL = 500Ω
l
l
74
68
90
84
dB
dB
VOUT
Maximum Output Voltage Swing
±40mV Input Overdrive
VS = ±15V, RL = 1kΩ
VS = ±5V, RL = 500Ω
l
l
±13.25
±3.5
±13.5
±3.8
V
V
IOUT
Output Current
VS = ±15V, VOUT = ±12V, VIN = ±40mV
VS = ±5V, VOUT = ±2.5V, VIN = ±40mV
l
l
±15
±12
±35
±30
mA
mA
ISC
Output Short-Circuit Current
VS = ±15V, VOUT = 0V, VIN = ±3V
VS = ±5V, VOUT = 0V, VIN = ±3V
l
l
±35
±30
±90
±80
mA
mA
IS
Supply Current
Per Amplifier, VS = ±15V
l
1.6
1.7
2.3
mA
mA
SR
Slew Rate (Note 11)
VS = ±15V, AV = 1
VS = ±15V, AV = –1
VS = ±15V, AV = –2
VS = ±5V, AV = –2
l
l
900
270
2200
1600
1250
400
V/µs
V/µs
V/µs
V/µs
FPBW
Full Power Bandwidth
VS = ±15V, 10V Peak, AV = –1, <1% THD
VS = ±5V, 1V Peak, AV = –1, <1% THD
3
8
MHz
MHz
GBW
Gain-Bandwidth Product
fTEST = 200kHz
VS = ±15V
VS = ±5V
l
l
28
25
40
36
MHz
MHz
f–3dB
Unity Gain –3dB Bandwidth
VOUT = 100mVP-P, VS = ±15V
90
MHz
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless noted otherwise, VCM = 0V, and specifications apply at both
VS = (V+ – V–) = ±5V and ±15V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com