Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5579 Datasheet(PDF) 24 Page - Linear Technology

Part # LT5579
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT5579 Datasheet HTML 20Page - Linear Technology LT5579 Datasheet HTML 21Page - Linear Technology LT5579 Datasheet HTML 22Page - Linear Technology LT5579 Datasheet HTML 23Page - Linear Technology LT5579 Datasheet HTML 24Page - Linear Technology LT5579 Datasheet HTML 25Page - Linear Technology LT5579 Datasheet HTML 26Page - Linear Technology LT5579 Datasheet HTML 27Page - Linear Technology LT5579 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
LTC2000A
24
2000afb
For more information www.linear.com/LTC2000A
Setting the Full-Scale Current
The full-scale DAC output current (IOUTFS) is nominally
40mA, but can be adjusted as low as 10mA or as high as
60mA. The full-scale current is set by placing an external
resistor (RFSADJ) between the FSADJ pin and GND. An
internal reference control loop amplifier sets the current
flowing through RFSADJ such that the voltage at FSADJ
is equal to the voltage at REFIO, which is typically 1.25V.
IOUTFS is set as a scaled replica of the current flowing out
of the FSADJ pin (IFSADJ):
IFSADJ =
VREFIO
RFSADJ
IOUTFS = 16 •IFSADJ •
256
256+GAIN _ ADJ
whereGAIN_ADJisa6-bittwo’scomplementnumberfrom
–32 to 31 (nominally 0) which can be programmed using
SPI register 0x09 as shown in Table 2. For example, for
RFSADJ = 500, VREFIO = 1.25V, and GAIN_ADJ = 0x00,
the control loop will force 1.25V at the FSADJ pin, causing
2.5mA to flow through RFSADJ. IOUTFS will then be set to
16 • 2.5mA = 40mA.
OPERATION
Changing GAIN_ADJ to 0x1F (+31) will decrease the cur-
rent by 10.8% to 35.7mA. Changing GAIN_ADJ to 0x20
(–32) will increase the current by 14.3% to 45.7mA.
Note that GAIN_ADJ appears in the denominator of the
equation for IOUTFS, so the adjustment resolution varies
from 0.5% to 0.3% per step. The circuit shown in Figure
6 may be used to vary the full-scale output current beyond
the range of the GAIN_ADJ register.
DAC linearity and harmonic distortion may be degraded
when using full-scale currents other than 40mA. The full-
scalecurrentmustnotexceed60mA,andisrecommended
to be at least 10mA.
Table 1. Power-On Reset and Power-Down SPI Registers
ADDRESS BIT
NAME
DESCRIPTION
0x01
0
SW_RST
Software Reset. Set SW_RST = 1 to restore all registers to their power-on reset state. SW_RST is automatically cleared
when CS returns high. All registers reset to 0x00, except address 0x08 which resets to 0x08.
1
DAC_PD
DAC Power Down. Set DAC_PD = 1 to power down the DAC and FSADJ bias circuits.
2
FULL_PD
Full Power Down. Set FULL_PD = 1 to power down all active circuits on the chip and reduce the supply current to less
than 100µA.
0x02
0
CK_PD
CKP/N Clock Receiver Power Down. CKP/N clock receiver is powered down when CK_PD = 1.
4
DCKO_DIS DCKOP/N Output Disable. Set DCKO_DIS = 1 to power down the DCKO LVDS transmitter. For DCKO_DIS = 1,
DCKOP/N are high impedance.
0x03
0
DCKI_EN
DCKIP/N Clock Receiver Enable. Set DCKI_EN = 1 to enable the DCKI clock receiver.
0x04
0
DA_EN
DAC Data Port A LVDS Receiver Enable. Set DA_EN = 1 to enable port A (DAP/N) LVDS receivers. For DA_EN = 0,
port A LVDS receivers are powered down and port A data will be zeroes.
1
DB_EN
DAC Data Port B LVDS Receiver Enable. Set DB_EN = 1 to enable port B (DBP/N) LVDS receivers. For DB_EN = 0,
port B LVDS receivers are powered down and port B data will be zeroes.
Note: Registers 0x01 to 0x04 reset to 0x00 (default).
Figure 6. LTC2000A Full-Scale Adjust from 20mA to 60mA
REF
LTC2000A
REFIO
1.25V
10k
2000A F06
1k
500
0V TO 2.5V
LTC2630-LM12
FSADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com