Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5579 Datasheet(PDF) 29 Page - Linear Technology

Part # LT5579
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT5579 Datasheet HTML 25Page - Linear Technology LT5579 Datasheet HTML 26Page - Linear Technology LT5579 Datasheet HTML 27Page - Linear Technology LT5579 Datasheet HTML 28Page - Linear Technology LT5579 Datasheet HTML 29Page - Linear Technology LT5579 Datasheet HTML 30Page - Linear Technology LT5579 Datasheet HTML 31Page - Linear Technology LT5579 Datasheet HTML 32Page - Linear Technology LT5579 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
LTC2000A
29
2000afb
For more information www.linear.com/LTC2000A
OPERATION
Table 6. Clock Synchronizer SPI Registers
ADDRESS BIT
NAME
DESCRIPTION
0x05
[1:0]
SYNC_PS
Synchronizer Phase Select. Selects phase of internal data multiplexer. SYNC_PS is read-only when SYNC_MSYN = 0.
2
SYNC_MSYN Synchronizer Manual Mode Select. When SYNC_MSYN = 0, SYNC_PS is set automatically by the clock synchronizer
based upon SYNC_PH. When SYNC_MSYN = 1, SYNC_PS must be set by the user.
0x06
[7:0]
SYNC_PH
Synchronizer Phase Comparator Outputs. SYNC_PH indicates the phase of the LVDS data clock (DCKIP/N) relative to
the DAC sample clock (CKP/N) divider used to control the data multiplexer. SYNC_PH is read only.
SYNC_PH
OPTIMAL SYNC_PS SETTING
DUAL-PORT MODE
SINGLE-PORT MODE
0x03
10
00
0x04
10
00
0x05
10
00
0x15
10
00
0x25
10
00
0x35
00
10
0x45
00
10
0x55
00
10
0x54
00
10
0x53
00
10
0x52
01
10
0x51
01
10
0x50
01
10
0x40
01
10
0x30
01
10
0x20
11
00
0x10
11
00
0x00
11
00
0x01
11
00
0x02
11
00
Note: Registers 0x05 and 0x06 reset to 0x00 (default).
phase of the MUX control signals as needed to track any
slow drift in the phase between the DCKIP/N and CKP/N
due to supply and temperature variation. This ensures that
data is sampled correctly by CKP/N.
Use SPI registers 0x05 and 0x06 (Table 6) to observe and
control the operation of the synchronizer. Upon power-up,
apply clocks to CKP/N and DCKIP/N and set DCKI_EN = 1
(register 0x03) to enable the LVDS data clock receiver.
Allow at least 1ms after the clocks have stabilized for the
synchronizer to initialize, after which the LTC2000A is
ready to accept LVDS input data.
The synchronizer uses phase comparators to monitor
the phase of the data input clock relative to the sample
clock divider which controls the MUX. The outputs of
these phase comparators (SYNC_PH) may be observed
in register 0x06.
TheSYNC_PSbitscontrolthephaseofthedatamultiplexer.
For SYNC_MSYN = 0, the SYNC_PS bits are read-only and
are automatically adjusted by the synchronizer as needed,
based upon the phase of DCKIP/N indicated by SYNC_PH.
Users may choose to override the automatic synchronizer
by setting SYNC_MSYN = 1 and writing values manually
to SYNC_PS to set the phase of the internal multiplex-
er. When using SYNC_MSYN = 1, users must monitor
SYNC_PH and adjust SYNC_PS as needed according to
Table 6. For further details see the Synchronizing Multiple
LTC2000As section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com