Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2602 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2602
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 2 Page - Linear Technology

  LTC2602 Datasheet HTML 1Page - Linear Technology LTC2602 Datasheet HTML 2Page - Linear Technology LTC2602 Datasheet HTML 3Page - Linear Technology LTC2602 Datasheet HTML 4Page - Linear Technology LTC2602 Datasheet HTML 5Page - Linear Technology LTC2602 Datasheet HTML 6Page - Linear Technology LTC2602 Datasheet HTML 7Page - Linear Technology LTC2602 Datasheet HTML 8Page - Linear Technology LTC2602 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC2311-16
2
231116fa
For more information www.linear.com/LTC2311-16
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD)..................................................6V
Supply Voltage (OVDD)................................................3V
Analog Input Voltage
AIN+, AIN– (Note 3)................... –0.3V to (VDD + 0.3V)
REFIN, REFOUT ....................... –0.3V to (VDD + 0.3V)
CNV (Note 15).......................... –0.3V to (VDD + 0.3V)
Digital Input Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Digital Output Voltage
(Note 3).......................... (GND – 0.3V) to (OVDD + 0.3V)
Power Dissipation ...............................................200mW
Operating Temperature Range
LTC2311C................................................. 0°C to 70°C
LTC2311I..............................................–40°C to 85°C
LTC2311H .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2)
1
2
3
4
5
6
7
8
GND
REFIN
REFOUT
VDD
GND
AIN+
AIN–
GND
16
15
14
13
12
11
10
9
17
GND
SCK+
SCK–
SDO+
SDO–
OVDD
GND
CMOS/LVDS
CNV
TOP VIEW
MSE PACKAGE
16-LEAD (4mm × 5mm) PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2311CMSE-16#PBF
LTC2311CMSE-16#TRPBF
231116
16-Lead (4mm × 5mm) Plastic MSOP
0°C to 70°C
LTC2311IMSE-16#PBF
LTC2311IMSE-16#TRPBF
231116
16-Lead (4mm × 5mm) Plastic MSOP
–40°C to 85°C
LTC2311HMSE-16#PBF
LTC2311HMSE-16#TRPBF
231116
16-Lead (4mm × 5mm) Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
ORDER INFORMATION http://www.linear.com/product/LTC2311-16#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com