Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2602 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2602
Description  16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2602 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2602 Datasheet HTML 17Page - Linear Technology LTC2602 Datasheet HTML 18Page - Linear Technology LTC2602 Datasheet HTML 19Page - Linear Technology LTC2602 Datasheet HTML 20Page - Linear Technology LTC2602 Datasheet HTML 21Page - Linear Technology LTC2602 Datasheet HTML 22Page - Linear Technology LTC2602 Datasheet HTML 23Page - Linear Technology LTC2602 Datasheet HTML 24Page - Linear Technology LTC2602 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC2311-16
21
231116fa
For more information www.linear.com/LTC2311-16
APPLICATIONS INFORMATION
TIMING AND CONTROL
CNV Timing
The LTC2311-16 sampling and conversion is controlled
by CNV. A rising edge on CNV will start sampling and the
fallingedgestartstheconversionandreadoutprocess.The
conversion process is timed by the SCK input clock. For
optimum performance, CNV should be driven by a clean
low jitter signal. The Typical Application at the back of the
data sheet illustrates a recommended implementation to
reduce the relatively large jitter from an FPGA CNV pulse
source.Notethelowjitterinputclocktimesthefallingedge
of the CNV signal. The rising edge jitter of CNV is much
less critical to performance. The typical pulse width of the
CNV signal is 30ns at a 5Msps conversion rate.
SCK Serial Data Clock Input
The falling edge of this clock shifts the conversion result
MSBfirstontotheSDOpins.A105MHzexternalclockmust
be applied at the SCK pin to achieve 5Msps throughput.
Nap/Sleep Modes
Nap mode is a method to save power without sacrificing
power-up delays for subsequent conversions. Sleep mode
has substantial power savings, but a power-up delay is
incurred to allow the reference and power systems to
become valid. To enter nap mode on the LTC2311-16,
the SCK signal must be held high or low and a series of
two CNV pulses must be applied. This is the case for both
CMOS and LVDS modes. The second rising edge of CNV
initiates the nap state. The nap state will persist until either
asinglerisingedgeofSCKisapplied,orfurtherCNVpulses
are applied. The SCK rising edge will put the LTC2311-16
back into the operational (full-power) state. When in nap
mode, two additional pulses will put the LTC2311-16 in
sleep mode. When configured for CMOS I/O operation, a
single rising edge of SCK can return the LTC2311-16 into
operational mode. A 10ms delay is necessary after exiting
sleep mode to allow the reference buffer to recharge the
external filter capacitor. In LVDS mode, exit sleep mode
by supplying a fifth CNV pulse. The fifth pulse will return
the LTC2311-16 to operational mode, and further SCK
pulses will keep the part from re-entering nap and sleep
modes. The fifth SCK pulse also works in CMOS mode
as a method to exit sleep. In the absence of SCK pulses,
repetitive CNV pulses will cycle the LTC2311-16 between
operational, nap and sleep modes indefinitely.
RefertothetimingdiagramsinFigure18,Figure19,Figure20
and Figure 21 for more detailed timing information about
sleep and nap modes.
Figure 18. CMOS and LVDS Mode NAP and WAKE Using SCK
FULL POWER MODE
1
2
CNV
SCK
HOLD STATIC HIGH OR LOW
NAP MODE
SDO
WAKE ON 1ST SCK EDGE
Z
Z
231116 F18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com