Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPE50 Datasheet(PDF) 2 Page - 3M Electronics

Part # TAPE50
Description  All-Weather Corrosion Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TAPE50 Datasheet(HTML) 2 Page - 3M Electronics

  TAPE50 Datasheet HTML 1Page - 3M Electronics TAPE50 Datasheet HTML 2Page - 3M Electronics TAPE50 Datasheet HTML 3Page - 3M Electronics TAPE50 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotchrap™ Tapes 50, 51 & Pipe Primer, 3M™ Scotchfil™ Electrical Insulation Putty
2 of 4
Application of
Primer, Putty and
Tape, continued
For below ground installation adequate provision should be taken to protect the
coating from physical damage during pipe handling, lowering or backfilling operations.
The pipeline ditch should be free of rock or other sharp objects so the coated pipe
rests on a smooth bed of soil. Backfill materials should also be free of rock or other
sharp objects to avoid damage of the coating. After layer of debris-free soil has
covered the pipe, general backfill may be used.
Typical Properties
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
3M™ Scotchrap™ Pipe Primer
Property
Typical Value
US units (metric)
Color
Black
% Solids
30
Weight
7lbs. /gal. (0.84 kg/litre)
Coverage
@ 1 mil (0,025 mm) dry film thickness
700 sq. ft. /gal. (17.4 m2/litre)
Drying Time
@ 75°F (24°C) and 50% RH 1 mil (0,025 mm)
dry film thickness
15 min.
Flash Point
19°F (-7.2°C)
3M™ Scotchfil™ Electrical Insulation Putty
Property
(Test Method ASTM D-1000 unless otherwise stated)
Typical Value
US units (metric)
Color
Black
Thickness
125 mils
Elongation
1000% min.
Dielectric Strength
575 V/mil
Insulation Resistance
>1 x 106 Ω
3M™ Scotchrap™ Tapes 50 and 51, All-Weather Corrosion Protection Tapes
Property
(Test Method ASTM D-1000 unless otherwise
stated)
50 Tape
US units (metric)
51 Tape
US units (metric)
Classification Specification L-T-1512A
(Federal)
Type III
Type II
Color - Backing
Black
Black
Color – Adhesive
Black
Black
Thickness
10 mils (0,254 mm)
20 mils (0,508 mm)
Elongation @ Break
10°F (-12°C)
74°F (23°C)
100%
200%
100%
150%
Breaking Strength
20 lb./in. (3,5 kN/m)
40 lb./in. (7,0 kN/m
Adhesion to Steel
10°F (-12°C)
74°F (23°C)
30 oz/in (0,328 kN/m)
20 oz./in (0,219 kN/m)
30 oz/in (0,328 kN/m)
20 oz./in (0,219 kN/m)
Adhesion to Backing
10°F (-12°C)
74°F (23°C)
30 oz/in (0,328 kN/m)
20 oz./in (0,219 kN/m)
30 oz/in (0,328 kN/m)
20 oz./in (0,219 kN/m)
Roll Unwind
10°F (-12°C)
74°F (23°C)
16 oz/in (0,175 kN/m)
16 oz/in (0,175 kN/m)
16 oz/in (0,175 kN/m)
16 oz/in (0,175 kN/m)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com