Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAPE50 Datasheet(PDF) 3 Page - 3M Electronics

Part # TAPE50
Description  All-Weather Corrosion Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TAPE50 Datasheet(HTML) 3 Page - 3M Electronics

  TAPE50 Datasheet HTML 1Page - 3M Electronics TAPE50 Datasheet HTML 2Page - 3M Electronics TAPE50 Datasheet HTML 3Page - 3M Electronics TAPE50 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Scotchrap™ Tapes 50, 51 & Pipe Primer, 3M™ Scotchfil™ Electrical Insulation Putty
3 of 4
Typical Properties,
continued
Not for specifications. Values are typical, not to be considered minimum or maximum.
Properties measured at room temperature 73°F (23°C) unless otherwise stated.
3M™ Scotchrap™ Tapes 50 and 51, All-Weather Corrosion Protection Tapes,
continued
Property
(Test Method ASTM D-1000 unless otherwise
stated)
50 Tape
US units (metric)
51 Tape
US units (metric)
Water Vapor Transmission Rate
(ASTM D-3833)
g/100 in2 (645 cm2) /24 hrs
1.0
1.0
Moisture Absorption
(ASTM D-570)
.30%
.35%
Resistance to Weathering
(3M)
Weatherometer
100 Hrs.
100 Hrs.
Dielectric Break Down Voltage
12,000 volts
20,000 volts
Normal Application
Temperature Range
+10°F to 150°F
(-12°C to 65.6°C)
+10°F to 150°F
(-12°C to 65.6°C)
Normal Service
Temperature Range
-55°F to 175°F
(-48°C to 80°C)
-55°F to 175°F
(-48°C to 80°C)
Note: For 3M™ Scotchrap™ Tapes 50 and 51 to work properly, all metal surfaces must be coated with
3M™ Scotchrap™ Pipe Primer before wrapping with the tape.
Tape Width
# Rolls per Square
1”
12
2”
6
4”
3
6”
2
12”
1
All widths are in 100 ft. rolls. 1 square = 100 sq. ft. (i.e., a roll 1 ft. wide x 100 ft. long)
To convert to rolls, multiply the number of squares by the number of roll/square from the above tables
3M™ Scotchrap™ Tapes 50 and 51, All-Weather Corrosion Protection Tape – Pipe Coverage Table
Paper Size
Squares of Tape for 100 Linear Ft. Pipe
Nominal I.D. (Inches)
O.D. (Inches)
Suggested Tape Width
Minimum Overlap 1/2”
Half-Lapped
1/2
0.84
1
0.44
0.44
3/4
1.05
2
0.37
0.55
1
1.32
2
0.46
0.69
1-1/4
1.66
2
0.58
0.87
1-1/2
1.90
2
0.66
0.99
2
2.38
2
0.83
1.25
2-1/2
2.88
2
1.00
1.51
3
3.50
4
1.05
1.83
3-1/2
4.00
4
1.20
2.09
4
4.50
4
1.35
2.36
5
5.57
4
1.59
2.92
6
6.63
6
1.89
3.47
7
7.63
6
2.18
3.99
8
8.63
6
2.46
4.52
10
10.75
6
3.07
5.63
12
12.75
6
3.64
6.67
14
14.00
6
4.00
7.33



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com