Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1679CS Datasheet(PDF) 12 Page - Linear Technology

Part # LT1679CS
Description  Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1679CS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1679CS Datasheet HTML 8Page - Linear Technology LT1679CS Datasheet HTML 9Page - Linear Technology LT1679CS Datasheet HTML 10Page - Linear Technology LT1679CS Datasheet HTML 11Page - Linear Technology LT1679CS Datasheet HTML 12Page - Linear Technology LT1679CS Datasheet HTML 13Page - Linear Technology LT1679CS Datasheet HTML 14Page - Linear Technology LT1679CS Datasheet HTML 15Page - Linear Technology LT1679CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT1678/LT1679
12
sn16789 16789fs
3. Sudden motion in the vicinity of the device can also
“feedthrough” to increase the observed noise.
Current noise is measured in the circuit shown in Figure 5
and calculated by the following formula:
i
e
nV
M
n
no
=
() −()
⎡
⎣
⎢
⎤
⎦
⎥
()( )
2
2
12
130
101
1
101
•
/
Ω
The LT1678/LT1679 achieve their low noise, in part, by
operating the input stage at 100µA versus the typical 10µA
of most other op amps. Voltage noise is inversely propor-
tional while current noise is directly proportional to the
square root of the input stage current. Therefore, the
LT1678/LT1679’s current noise will be relatively high. At
low frequencies, the low 1/f current noise corner fre-
quency (≈ 200Hz) minimizes current noise to some extent.
In most practical applications, however, current noise will
not limit system performance. This is illustrated in the
Total Noise vs Source Resistance plot (Figure 6) where:
APPLICATIO S I FOR ATIO
16789
F03
10Ω
0.1µF
4.7µF
VOLTAGE GAIN
= 50,000
24.3k
100k
–
+
*
LT1678
LT1001
2k
4.3k
110k
100k
SCOPE
× 1
RIN = 1M
*DEVICE UNDER TEST
NOTE: ALL CAPACITOR VALUES ARE FOR
NONPOLARIZED CAPACITORS ONLY
2.2µF
0.1µF
22µF
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
0.01
1
10
100
16789
F04
0.1
16789
F05
100Ω
100k
LT1678
500k
500k
eno
Figure 3. 0.1Hz to 10Hz Noise Test Circuit
Figure 4. 0.1Hz to 10Hz Peak-to-Peak
Noise Tester Frequency Response
Figure 5.
Total Noise = [(op amp voltage noise)2 + (resistor noise)2
+ (current noise RS)
2]1/2
Three regions can be identified as a function of source
resistance:
(i) RS ≤ 400Ω. Voltage noise dominates
(ii) 400Ω ≤ RS ≤ 50k at 1kHz
400Ω ≤ RS ≤ 8k at 10Hz
(iii) RS > 50k at 1kHz
RS > 8k at 10Hz
Resistor Noise
Dominates
Current Noise
Dominates
Clearly the LT1678/LT1679 should not be used in region
(iii), where total system noise is at least six times higher
than the voltage noise of the op amp, i.e., the low voltage
noise specification is completely wasted. In this region the
LT1113 or LT1169 are better choices.
SOURCE RESISTANCE (kΩ)
0.1
1
10
100
1000
1
10
100
16789
F06
VS = ±15V
TA = 25°C
SOURCE RESISTANCE = 2R
R
R
AT 1kHz
AT 10Hz
RESISTOR
NOISE ONLY
Figure 6. Total Noise vs Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com