Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1679CS Datasheet(PDF) 16 Page - Linear Technology

Part # LT1679CS
Description  Dual/Quad Low Noise, Rail-to-Rail, Precision Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1679CS Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1679CS Datasheet HTML 8Page - Linear Technology LT1679CS Datasheet HTML 9Page - Linear Technology LT1679CS Datasheet HTML 10Page - Linear Technology LT1679CS Datasheet HTML 11Page - Linear Technology LT1679CS Datasheet HTML 12Page - Linear Technology LT1679CS Datasheet HTML 13Page - Linear Technology LT1679CS Datasheet HTML 14Page - Linear Technology LT1679CS Datasheet HTML 15Page - Linear Technology LT1679CS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT1678/LT1679
16
sn16789 16789fs
PART NUMBER
DESCRIPTION
COMMENTS
LT1028/LT1128
Ultralow Noise Precision Op Amps
Lowest Noise 0.85nV/√Hz
LT1115
Ultralow Noise, Low distortion Audio Op Amp
0.002% THD, Max Noise 1.2nV/√Hz
LT1124/LT1125
Dual/Quad Low Noise, High Speed Precision Op Amps
Similar to LT1007
LT1126/LT1127
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
Similar to LT1037
LT1226
Low Noise, Very High Speed Op Amp
1GHz, 2.6nV/√Hz, Gain of 25 Stable
LT1498/LT1499
10MHz, 5V/µs, Dual/Quad Rail-to-Rail Input and Output Op Amps
Precision C-Load
TM Stable
LT1677
Single Version of LT1678/LT1679
Rail-to-Rail 3.2nV/√Hz
LT1792
Low Noise, Precision JFET Input Op Amp
4.2nV/√Hz, 10fA/√Hz
LT1793
Low Noise, Picoampere Bias Current Op Amp
6nV/√Hz, 1fA/√Hz, IB = 10pA Max
LT1806
Low Noise, 325MHz Rail-to-Rail Input and Output Op Amp
3.5nV/√Hz
LT1881/LT1882
Dual/Quad Rail-to-Rail Output Picoamp Input Precision Op Amps
CLOAD to 1000pF, IB = 200pA Max
LT1884/LT1885
Dual/Quad Rail-to-Rail Output Picoamp Input Precision Op Amps
2.2MHz Bandwidth, 1.2V/µs SR
C-Load is a trademark of Linear Technology Corporation.
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0104 1K • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
φ2
φ1
φ1
φ2
350Ω
350Ω
350Ω
350Ω
5,6,7,8
3
1
100k
4
2
2X
SILICONIX
Si9801
VREF
VREF
5,6,7,8
3
1
100k
4
2
VREF
1/2 LT1678
1/2 LT1678
100Ω
0.1%
0.047µF
0.047µF
1k
0.1%
1k
0.1%
10Ω
10Ω
1µF
1µF
100Ω
100Ω
10µF
0.1µF
7V
5V
LT1461-5
LTC2440
IN+
IN–
REF+
REF–
≈2s
16789 TA02
Bridge Reversal Eliminates 1/f Noise and Offset Drift of a Low Noise, Non-autozeroed, Bipolar Amplifier.
Circuit Gives 14nV Noise Level or 19 Effective Bits Over a 10mV Span



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com