Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2621 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2621
Description  16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2621 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2621 Datasheet HTML 5Page - Linear Technology LTC2621 Datasheet HTML 6Page - Linear Technology LTC2621 Datasheet HTML 7Page - Linear Technology LTC2621 Datasheet HTML 8Page - Linear Technology LTC2621 Datasheet HTML 9Page - Linear Technology LTC2621 Datasheet HTML 10Page - Linear Technology LTC2621 Datasheet HTML 11Page - Linear Technology LTC2621 Datasheet HTML 12Page - Linear Technology LTC2621 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC2601/LTC2611/LTC2621
2601f
PIN FUNCTIONS
SDO (Pin 1): Serial Interface Data Output. The serial
output of the shift register appears at the SDO pin. The data
transferred to the device via the SDI pin is delayed 32 SCK
rising edges before being output at the next falling edge.
This pin is used for daisy-chain operation.
SDI (Pin 2): Serial Interface Data Input. Data is applied to
SDI for transfer to the device at the rising edge of SCK
(Pin 3). The LTC2601 accepts input word lengths of either
24 or 32 bits.
SCK (Pin 3): Serial Interface Clock Input. CMOS and TTL
compatible.
CLR (Pin 4): Asynchronous Clear Input. A logic low at this
level-triggered input clears all registers and causes the
DAC voltage outputs to drop to 0V. CMOS and TTL
compatible.
CS/LD (Pin 5): Serial Interface Chip Select/Load Input.
When CS/LD is low, SCK is enabled for shifting data on SDI
into the register. When CS/LD is taken high, SCK is
disabled and the specified command (see Table 1) is
executed.
REF (Pin 6): Reference Voltage Input. 0V
≤ VREF ≤ VCC.
VOUT (Pin 7): DAC Analog Voltage Output. The output
range is 0V to VREF.
GND (Pin 8): Analog Ground.
VCC (Pin 9): Supply Voltage Input. 2.5V ≤ VCC ≤ 5.5V.
LDAC (Pin 10): Asynchronous DAC Update Pin. If CS/LD
is high, a falling edge on LDAC immediately updates the
DAC register with the contents of the input register (simi-
lar to a software update). If CS/LD is low when LDAC goes
low, the DAC register is updated after CS/LD returns high.
A low on the LDAC pin powers up the DAC. A software
power down command is ignored if LDAC is low.
Exposed Pad (Pin 11): Ground. Must be soldered to PCB
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com