Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2621 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2621
Description  16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2621 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2621 Datasheet HTML 8Page - Linear Technology LTC2621 Datasheet HTML 9Page - Linear Technology LTC2621 Datasheet HTML 10Page - Linear Technology LTC2621 Datasheet HTML 11Page - Linear Technology LTC2621 Datasheet HTML 12Page - Linear Technology LTC2621 Datasheet HTML 13Page - Linear Technology LTC2621 Datasheet HTML 14Page - Linear Technology LTC2621 Datasheet HTML 15Page - Linear Technology LTC2621 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC2601/LTC2611/LTC2621
2601f
OPERATIO
INPUT WORD (LTC2601)
Because of this, the devices can be addressed and con-
trolled individually by simply concatenating their input
words; the first instruction addresses the last device in the
chain and so forth. The SCK and CS/LD signals are
common to all devices in the series.
In use, CS/LD is first taken low. Then the concatenated
input data is transferred to the chain, using SDI of the first
device as the data input. When the data transfer is com-
plete, CS/LD is taken high, which executes the commands
specified for each of the devices simultaneously. A single
device can be controlled by using the no-operation com-
mand (1111) for the other devices in the chain.
Power-Down Mode
For power-constrained applications, power-down mode
can be used to reduce the supply current whenever the
DAC output is not needed. When in power-down, the
buffer amplifier, bias circuit and reference input is dis-
abled and draws essentially zero current. The DAC output
is put into a high impedance state, and the output pin is
passively pulled to ground through 90k resistors. Input-
and DAC-register contents are not disturbed during power-
down.
The DAC can be put into power-down mode by using
command 0100b. The 16-bit data word is ignored. The
supply and reference currents are reduced to almost zero
when the DAC is powered down; the effective resistance at
REF rises accordingly becoming a high impedance input
(typically > 1G
Ω).
Normal operation can be resumed by executing any com-
mand which includes a DAC update, as shown in Table 1
or performing an asynchronous update (LDAC) as de-
scribed in the next section. The DAC is powered up as its
voltage output is updated. When the DAC in powered-
down state is powered up and updated, normal settling is
delayed. The main bias generation circuit block has been
automatically shut down in addition to the DAC amplifier
and reference input and so the power up delay time is 12
µs
(for VCC = 5V) or 30µs (for VCC = 3V).
Asynchronous DAC Update Using LDAC
In addition to the update commands shown in Table 1, the
LDAC pin asynchronously updates the DAC register with
the contents of the input register.
If CS/LD is high, a low on the LDAC pin causes the DAC
register to be updated with the contents of the input
register.
If CS/LD is low, a low going pulse on the LDAC pin before
the rising edge of CS/LD powers up the DAC but does not
cause the output to be updated. If LDAC remains low after
the rising edge of CS/LD, then LDAC is recognized, the
command specified in the 24-bit word just transferred is
executed and the DAC output is updated.
INPUT WORD (LTC2611)
INPUT WORD (LTC2621)
C3
COMMAND
DON’T CARE BITS
DATA (16 BITS)
C2
C1
C0
X
X
X
X
D13
D14
D15
D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
2601 TBL01
MSB
LSB
C3
COMMAND
DON’T CARE BITS
DATA (14 BITS + 2 DON’T CARE BITS)
C2
C1
C0
X
X
X
X
D13 D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
X
X
2601 TBL02
MSB
LSB
C3
COMMAND
DON’T CARE BITS
DATA (12 BITS + 4 DON’T CARE BITS)
C2
C1
C0
X
X
X
X
D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
X
X
XX
2601 TBL03
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com