Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2611CDD Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2611CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2611CDD Datasheet(HTML) 1 Page - Linear Technology

  LTC2611CDD Datasheet HTML 1Page - Linear Technology LTC2611CDD Datasheet HTML 2Page - Linear Technology LTC2611CDD Datasheet HTML 3Page - Linear Technology LTC2611CDD Datasheet HTML 4Page - Linear Technology LTC2611CDD Datasheet HTML 5Page - Linear Technology LTC2611CDD Datasheet HTML 6Page - Linear Technology LTC2611CDD Datasheet HTML 7Page - Linear Technology LTC2611CDD Datasheet HTML 8Page - Linear Technology LTC2611CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC2601/LTC2611/LTC2621
2601f
16-/14-/12-Bit Rail-to-Rail
DACs in 10-Lead DFN
The LTC
®2601/LTC2611/LTC2621 are single 16-, 14-
and 12-bit, 2.5V-to-5.5V rail-to-rail voltage output DACs
in a 10-lead DFN package. They have built-in high perfor-
mance output buffers and are guaranteed monotonic.
These parts establish new board-density benchmarks for
16- and 14-bit DACs and advance performance standards
for output drive, and load regulation in single-supply,
voltage-output multiples.
The parts use a simple SPI/MICROWIRE
TM compatible
3-wire serial interface which can be operated at clock rates
up to 50MHz. Daisy-chain capability, hardware CLR and
asynchronous DAC update (LDAC) pins are included.
The LTC2601/LTC2611/LTC2621 incorporate a power-on
reset circuit. During power-up, the voltage outputs rise
less than 10mV above zero scale; and after power-up, they
stay at zero scale until a valid write and update take place.
s
Smallest Pin-Compatible Single DACs:
LTC2601: 16 Bits
LTC2611: 14 Bits
LTC2621: 12 Bits
s
Guaranteed Monotonic Over Temperature
s
Wide 2.5V to 5.5V Supply Range
s
Low Power Operation: 300
µA at 3V
s
Power Down to 1
µA, Max
s
High Rail-to-Rail Output Drive (
±15mA, Min)
s
Double-Buffered Data Latches
s
Asynchronous DAC Update Pin
s
Tiny (3mm
× 3mm) 10-Lead DFN Package
s
Mobile Communications
s
Process Control and Industrial Automation
s
Instrumentation
s
Automatic Test Equipment
Differential Nonlinearity (LTC2601)
, LTC and LT are registered trademarks of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
U.S. patent number 5396245.
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
7
10
1
DAC
REGISTER
INPUT
REGISTER
32-BIT
SHIFT
REGISTER
12-/14-/16-BIT DAC
VOUT
CONTROL
DECODE
LOGIC
LDAC
SDO
2
SDI
SCK
5
CS/LD
9
VCC
6
REF
8
GND
2601 BD
4
CLR
3
CODE
0
16384
32768
49152
65535
2600 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V


Similar Part No. - LTC2611CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2611 LINER-LTC2611 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC2611 LINER-LTC2611 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
More results

Similar Description - LTC2611CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_09 Datasheet
275Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2601 LINER-LTC2601_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2621 LINER-LTC2621_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com