Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2611CDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2611CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2611CDD Datasheet(HTML) 3 Page - Linear Technology

  LTC2611CDD Datasheet HTML 1Page - Linear Technology LTC2611CDD Datasheet HTML 2Page - Linear Technology LTC2611CDD Datasheet HTML 3Page - Linear Technology LTC2611CDD Datasheet HTML 4Page - Linear Technology LTC2611CDD Datasheet HTML 5Page - Linear Technology LTC2611CDD Datasheet HTML 6Page - Linear Technology LTC2611CDD Datasheet HTML 7Page - Linear Technology LTC2611CDD Datasheet HTML 8Page - Linear Technology LTC2611CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC2601/LTC2611/LTC2621
2601f
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.5V), VOUT unloaded,
unless otherwise noted.
LTC2601/LTC2611/LTC2621
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSR
Power Supply Rejection
VCC = 5V ±10%
–80
dB
VCC = 3V ±10%
q
–80
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Midscale; –15mA ≤ IOUT ≤ 15mA
q
0.04
0.15
Ω
VREF = VCC = 2.5V, Midscale; –7.5mA ≤ IOUT ≤ 7.5mA q
0.05
0.15
Ω
ISC
Short-Circuit Output Current
VCC = 5.5V, VREF = 5.5V
Code: Zero Scale; Forcing Output to VCC
q
15
35
60
mA
Code: Full Scale; Forcing Output to GND
q
15
39
60
mA
VCC = 2.5V, VREF = 2.5V
Code: Zero Scale; Forcing Output to VCC
q
7.5
20
50
mA
Code: Full Scale; Forcing Output to GND
q
7.5
27
50
mA
Reference Input
Input Voltage Range
q
0VCC
V
Resistance
Normal Mode
q
88
124
160
k
Ω
Capacitance
15
pF
IREF
Reference Current, Power Down Mode
DAC Powered Down
q
0.001
1
µA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
q
2.5
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
q
0.375
0.55
mA
VCC = 3V (Note 3)
q
0.30
0.45
mA
DAC Powered Down (Note 3) VCC = 5V
q
0.40
1
µA
DAC Powered Down (Note 3) VCC = 3V
q
0.10
1
µA
Digital I/O
VIH
Digital Input High Voltage
VCC = 2.5V to 5.5V
q
2.4
V
VCC = 2.5V to 3.6V
q
2.0
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
q
0.8
V
VCC = 2.5V to 5.5V
q
0.6
V
VOH
Digital Output High Voltage
Load Current = –100
µA
q
VCC – 0.4
V
VOL
Digital Output Low Voltage
Load Current = +100
µA
q
0.4
V
ILK
Digital Input Leakage
VIN = GND to VCC
q
±1
µA
CIN
Digital Input Capacitance
(Note 4)
q
8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com