Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3418 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3418
Description  짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 2 Page - Linear Technology

  LTC3418 Datasheet HTML 1Page - Linear Technology LTC3418 Datasheet HTML 2Page - Linear Technology LTC3418 Datasheet HTML 3Page - Linear Technology LTC3418 Datasheet HTML 4Page - Linear Technology LTC3418 Datasheet HTML 5Page - Linear Technology LTC3418 Datasheet HTML 6Page - Linear Technology LTC3418 Datasheet HTML 7Page - Linear Technology LTC3418 Datasheet HTML 8Page - Linear Technology LTC3418 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3617
2
3617fa
absolute MaxiMuM ratings
PVIN, SVIN Voltages ..................................... –0.3V to 6V
SW Voltage ................................. –0.3V to (PVIN + 0.3V)
ITH, RT, SYNC Voltages .............. –0.3V to (SVIN + 0.3V)
VTTR, RUN, VFB Voltages ........... –0.3V to (SVIN + 0.3V)
VDDQIN, PGOOD Voltages........................... –0.3V to 6V
Operating Junction Temperature Range
(Notes 2, 8)............................................ –40°C to 125°C
Storage Temperature.............................. –65°C to 150°C
(Note 1)
TOP VIEW
25
PGND
UDD PACKAGE
24-LEAD (3mm
× 5mm) PLASTIC QFN
RT
SGND
VTTR
PVIN
SW
SW
SW
SW
SYNC
RUN
SVIN
PVIN
SW
SW
SW
SW
6
5
4
3
2
1
7
8
15
16
17
18
19
20
14
13
9 10 11 12
24 23 22 21
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
pin conFiguration
orDer inForMation
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3617EUDD#PBF
LTC3617EUDD#TRPBF
LFXC
24-Lead (3mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3617IUDD#PBF
LTC3617IUDD#TRPBF
LFXC
24-Lead (3mm
× 5mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
electrical characteristics The
l
denotes the specifications which apply over the full operating junction
temperature range, otherwise specifications are at TA = 25°C. PVIN = SVIN = 3.3V, RT = SVIN unless otherwise specified (Notes 1, 2, 8).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Operating Range
l
2.25
5.5
V
VUVLO
Undervoltage Lockout Threshold
SVIN Ramping Down
SVIN Ramping Up
l
l
1.7
2.2
V
V
VOVLO
Overvoltage Lockout Threshold
SVIN Ramping Up
Hysteresis
6.5
250
7
V
mV
VTTR
VTTR Output Voltage with Line and Load
Regulation
VDDQIN = 1.5V, Load = ±10mA
l
0.49 • VDDQIN 0.5 • VDDQIN 0.51 • VDDQIN
V
VTTR Maximum Output Current
±10
mA
VFB
Feedback Voltage Accuracy
VDDQIN = 1.5V (Note 3)
l
VTTR – 10
VTTR
VTTR + 10
mV
IFB
Feedback Input Current
VFB = 0.75V
l
±30
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com