Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3418 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3418
Description  짹6A Monolithic Synchronous Step-Down Regulator for DDR Termination
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3418 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3418 Datasheet HTML 12Page - Linear Technology LTC3418 Datasheet HTML 13Page - Linear Technology LTC3418 Datasheet HTML 14Page - Linear Technology LTC3418 Datasheet HTML 15Page - Linear Technology LTC3418 Datasheet HTML 16Page - Linear Technology LTC3418 Datasheet HTML 17Page - Linear Technology LTC3418 Datasheet HTML 18Page - Linear Technology LTC3418 Datasheet HTML 19Page - Linear Technology LTC3418 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3617
20
3617fa
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
LINEAR TECHNOLOGY CORPORATION 2011
LT 0711 REV A • PRINTED IN USA
relateD parts
typical application
DDR2 Termination, 1MHz
External Start-Up
PART NUMBER
DESCRIPTION
COMMENTS
LTC3616
5.5V, 6A (IOUT) 4MHz Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN(MIN) = 2.25V, VIN(MAX) = 5.5V, VOUT(MIN) = 0.6V,
IQ = 70µA, ISD < 1µA, 3mm × 5mm QFN24 Package
LTC3612
5.5V, 3A (IOUT), 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN(MIN) = 2.25V, VIN(MAX) = 5.5V, VOUT(MIN) = 0.6V,
IQ = 70µA, ISD <1µA, 3mm ×4mm QFN-20 TSSOP20E Package
LTC3418
5.5V, 8A (IOUT), 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN(MIN) = 2.25V, VIN(MAX) = 5.5V, VOUT(MIN) = 0.8V,
IQ = 380µA, ISD <1µA, 5mm × 7mm QFN-38 Package
LTC3415
5.5V, 7A (IOUT), 1.5MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN(MIN) = 2.5V, VIN(MAX) = 5.5V, VOUT(MIN) = 0.6V,
IQ = 450µA, ISD <1µA, 5mm × 7mm QFN-38 Package
LTC3416
5.5V, 4A (IOUT), 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN(MIN) = 2.25V, VIN(MAX) = 5.5V, VOUT(MIN) = 0.8V,
IQ = 64µA, ISD <1µA, TSSOP20E Package
LTC3413
5.5V, 3A (IOUT Sink/Source), 2MHz, Monolithic Synchronous
Regulator for DDR/QDR Memory Termination
90% Efficiency, VIN(MIN) = 2.25V, VIN(MAX) = 5.5V, VOUT(MIN) = VREF/2,
IQ = 280µA, ISD <1µA, TSSOP16E Package
LTC3412A
5.5V, 2.5A (IOUT), 4MHz, Synchronous Step-Down DC/DC
Converter
95% Efficiency, VIN(MIN) = 2.5V, VIN(MAX) = 5.5V, VOUT(MIN) = 0.8V,
IQ = 60µA, ISD <1µA, 4mm × 4mm QFN-16 TSSOP16E Package
RUN
VDDQIN
RT
PGOOD
ITH
PGOOD
SGND
PGND
VIN
2.25V TO 5.5V
VDDQ
1.8V
VTTR
SVIN
LTC3617
SW
PVIN
L1
0.33µH
3617 TA04a
SYNC
VFB
100µF
47µF
CC1
10pF
22µF
×4
CC
2.2nF
VTT
0.9V
±6A
0.1µF
VREF
0.9V
±10mA
R2
100k
R1
365k
L1: COILCRAFT D03316T
RC
6k
500mV/DIV
400µs/DIV
3617 TA04b
VDDQ
VREF/VTT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com