Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3589
Description  Power Management Solution for Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 9Page - Linear Technology LTC3589 Datasheet HTML 10Page - Linear Technology LTC3589 Datasheet HTML 11Page - Linear Technology LTC3589 Datasheet HTML 12Page - Linear Technology LTC3589 Datasheet HTML 13Page - Linear Technology LTC3589 Datasheet HTML 14Page - Linear Technology LTC3589 Datasheet HTML 15Page - Linear Technology LTC3589 Datasheet HTML 16Page - Linear Technology LTC3589 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC3676/LTC3676-1
13
3676ff
For more information www.linear.com/LTC3676
block DiagraM—lTc3676
BUCK1
VREF
EN
OK
DEFAULT = 725mV
RANGE = 800mV
TO 412.5mV
PVIN1
SW1
FB_B1
DAC
LDO1
EN
725mV
VIN
LDO1
FB_L1
BUCK2
VREF
EN
OK
DEFAULT = 725mV
RANGE = 800mV
TO 412.5mV
PVIN2
SW2
FB_B2
DAC
BUCK3
VREF
EN
OK
DEFAULT = 725mV
RANGE = 800mV
TO 412.5mV
PVIN3
SW3
FB_B3
DAC
BUCK4
LDO2
VREF
EN
OK
DEFAULT = 725mV
RANGE = 800mV
TO 412.5mV
PRECISION ENABLE
THRESHOLD AND
SEQUENCE DELAY
PVIN4
SW4
VIN_L2
LDO2
FB_B4
VREF
725mV
EN
OK
FB_L2
DAC
LDO4
VIN_L4
LDO4
VREF
EN
OK
GND
(EXPOSED PAD)
FB_L4
3676 BD
LDO3
VIN_L3
LDO3
VREF
EN
OK
EN_B1
5
5
5
5
PUSHBUTTON
ON/OFF
CONTROL
ON
WAKE
EN_B2
EN_B3
I2C COMMAND
REGISTERS
DVDD
DYNAMIC VOLTAGE
SCALING CONTROL
FAULT DETECTION
UNDER VOLTAGE
OVER TEMPERATURE
SDA
SCL
VSTB
EN_B4
EN_L2
EN_L3
EN_L4
PWR_ON
RSTO
IRQ
PGOOD
VSEL
VA 4x5
7
7
7
VB 4x5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com