Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3589 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3589
Description  Power Management Solution for Application Processors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3589 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3589 Datasheet HTML 17Page - Linear Technology LTC3589 Datasheet HTML 18Page - Linear Technology LTC3589 Datasheet HTML 19Page - Linear Technology LTC3589 Datasheet HTML 20Page - Linear Technology LTC3589 Datasheet HTML 21Page - Linear Technology LTC3589 Datasheet HTML 22Page - Linear Technology LTC3589 Datasheet HTML 23Page - Linear Technology LTC3589 Datasheet HTML 24Page - Linear Technology LTC3589 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3676/LTC3676-1
21
3676ff
For more information www.linear.com/LTC3676
operaTion
keeping the processor from driving PWR_ON, then the
LTC3676 will pull WAKE low, shut off all regulators, and
enter the STANDBY state. The STANDBY state is also a
low power, 12µA (typical) state.
Table 9. Register, Enable, WAKE Control During Operating
Mode State Control
STATE
REGISTERS ENABLES
WAKE
POR/HRST DEFAULT
R/W
Inhibited
LOW
5 SEC PWR_ON TIMER
R/W
Allowed
HIGH
ON
R/W
Allowed
HIGH
1 SEC OFF TIMER HRST
Set to POR
Defaults
Sequence Down LOW
1 SEC OFF TIMER
STANDBY
I2C Enable
and SW
Mode Bits
Cleared
Sequence Down LOW
STANDBY
R/W
Inhibited
LOW
Power Down Using Pushbutton
When in the ON state, the system controller is responsible
for deciding what action to take when a pushbutton event
occurs. By monitoring the IRQ status pin and IRQSTAT[0]
status register bit, the controller can detect a pushbutton
request. If a power-down into standby state is desired
then the controller should drive PWR_ON low and set
command register bit CNTRL[7] low.
Button Status Indication
When a pushbutton pulls ON low for 50ms in the ON state,
IRQ is pulled low and the PB status bit in the IRQSTAT[0]
status register is set. IRQ and the IRQSTAT status bit are
active while ON is low or for a minimum of 50ms.
Power Up and Down with PWR_ON
The PWR_ON pin is an alternative way to power up the
LTC3676 instead of using the ON pin. When PWR_ON is
driven high or command register CNTRL[7] is set high,
WAKE is pulled HIGH and the LTC3676 passes through
the 5 second PWR_ON timer to the ON state. Figure 9
shows PWR_ON and WAKE timing. WAKE stays high for
a minimum of 5 seconds.
Figure 8. Power-Down Using Pushbutton
50ms
IRQSTAT[0]
WAKE
<10 SEC
ON (PB)
IRQ
PWR_ON
(PIN OR I2C)
3676 F08
µC/µP CONTROL
3ms
Figure 7. Power Up Using Pushbutton
400ms
ON (PB)
WAKE
PWR_ON
(PIN OR I2C)
<5 SEC
3676 F07
µC/µP CONTROL
Figure 9. Power Up and Down with PWR_ON
PWR_ON
(PIN OR I2C)
WAKE
3676 F09
µC/µP CONTROL
5 SEC
3ms
3ms
POWER ON SEQUENCING
Enable Pin Operation
The LTC3676 enable pins facilitate pin-strapping output
railstoenablepinstoup-sequencetheLTC3676regulators
in any order. Figure 10 shows an example of pin-strapped
sequence connections. The enable pins normally have a
0.8V (typical) input voltage threshold.
If any enable is driven high, the remaining enable input
thresholds switches to an accurate 400mV threshold. To
ensure separation of the sequenced rails, there is a built-
in 450µs delay from the enable pin threshold crossing to
the internal enable of the regulator. Figure 11 shows the
start-up timing of the example shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com