Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1356 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1356
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1356 Datasheet HTML 20Page - Linear Technology LT1356 Datasheet HTML 21Page - Linear Technology LT1356 Datasheet HTML 22Page - Linear Technology LT1356 Datasheet HTML 23Page - Linear Technology LT1356 Datasheet HTML 24Page - Linear Technology LT1356 Datasheet HTML 25Page - Linear Technology LT1356 Datasheet HTML 26Page - Linear Technology LT1356 Datasheet HTML 27Page - Linear Technology LT1356 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LTC2335-16
24
233516f
For more information www.linear.com/LTC2335-16
The two-tone test shown in Figure 6b demonstrates the
arbitraryinputdrivecapabilityoftheLTC2335-16.Thistest
simultaneouslydrivesIN+witha−7dBFS2kHzsingle-ended
sine wave and IN− with a −7dBFS 3.1kHz single-ended sine
wave. Together, these signals sweep the analog inputs
across a wide range of common mode and differential
mode voltage combinations, similar to the more general
arbitrary input signal case. They also have a simple spec-
tral representation. An ideal differential converter with no
common-mode sensitivity will digitize this signal as two
−7dBFS spectral tones, one at each sine wave frequency.
The FFT plot in Figure 6b demonstrates the LTC2335-16
response, which approaches this ideal with 118dB of
SFDR limited by the converter's second harmonic distor-
tion response to the 3.1kHz sine wave on IN–.
The ability of the LTC2335-16 to accept arbitrary signal
swings over a wide input common mode range with high
CMRR can simplify application solutions. In practice,
many sensors produce a differential sensor voltage riding
on top of a large common mode signal. Figure 7a depicts
one way of using the LTC2335-16 to digitize signals of
this type. The amplifier stage provides a differential gain
of approximately 10V/V to the desired sensor signal while
the unwanted common mode signal is attenuated by the
ADCCMRR.Thecircuitemploysthe±5VSoftSpanrangeof
the ADC. Figure 7b shows measured CMRR performance
of this solution, which is competitive with the best com-
mercially available instrumentation amplifiers. Figure 7c
shows measured AC performance of this solution.
In Figure 8, another application circuit is shown which
uses two channels of the LTC2335-16 to sense the volt-
age on and bidirectional current through a sense resistor
over a wide common mode range. In many applications
of this type, the impedance of the external circuitry is low
enough that the ADC sampling network can fully settle
without buffering.
Figure 7a. Digitize Differential Signals Over a Wide Common Mode Range
applicaTions inForMaTion
–5V
–5V
31V
31V
LTC2335-16
233516 F07a
ONLY CHANNEL 0 SHOWN FOR CLARITY
24V
0V
ARBITRARY
+
–
0.1µF
0.1µF
0.1µF
47µF
IN0+
IN0–
½ LT1124
½ LT1124
VCC
REFIN
REFBUF
VEE
LOWPASS FILTERS
BW ~ 500kHz
6.6nF
6.6nF
49.9
49.9
549
18pF
18pF
IN+
IN–
2.49k
2.49k
COMMON MODE
INPUT RANGE
DIFFERENTIAL MODE
INPUT RANGE: ±500mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com