Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1356 Datasheet(PDF) 29 Page - Linear Technology

Part # LT1356
Description  16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1356 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT1356 Datasheet HTML 25Page - Linear Technology LT1356 Datasheet HTML 26Page - Linear Technology LT1356 Datasheet HTML 27Page - Linear Technology LT1356 Datasheet HTML 28Page - Linear Technology LT1356 Datasheet HTML 29Page - Linear Technology LT1356 Datasheet HTML 30Page - Linear Technology LT1356 Datasheet HTML 31Page - Linear Technology LT1356 Datasheet HTML 32Page - Linear Technology LT1356 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
LTC2335-16
29
233516f
For more information www.linear.com/LTC2335-16
POWER CONSIDERATIONS
The LTC2335-16 provides four power supply pins: the
positive and negative high voltage power supplies (VCC
and VEE), the 5V core power supply (VDD) and the digital
input/output (I/O) interface power supply (OVDD). As long
as the voltage difference limits of 10V ≤ VCC – VEE ≤ 38V
are observed, VCC and VEE may be independently biased
anywhere within their own individual allowed operating
ranges, including the ability for either of the supplies to be
tied directly to ground. This feature enables the common
mode input range of the LTC2335-16 to be tailored to the
specificapplication’srequirements.TheflexibleOVDDsup-
ply allows the LTC2335-16 to communicate with CMOS
logic operating between 1.8V and 5V, including 2.5V and
3.3V systems. When using LVDS I/O mode, the range of
OVDD is 2.375V to 5.25V.
Power Supply Sequencing
The LTC2335-16 does not have any specific power supply
sequencing requirements. Care should be taken to adhere
to the maximum voltage relationships described in the
Absolute Maximum Ratings section. The LTC2335-16 has
an internal power-on-reset (POR) circuit which resets the
converter on initial power-up and whenever VDD drops
below 2V. Once the supply voltage re-enters the nominal
supply voltage range, the POR reinitializes the ADC. No
conversions should be initiated until at least 10ms after
a POR event to ensure the initialization period has ended.
Whenemployingtheinternalreferencebuffer,allow200ms
forthebuffertopowerupandrechargetheREFBUFbypass
capacitor. Any conversion initiated before these times will
produce invalid results.
TIMING AND CONTROL
CNV Timing
The LTC2335-16 sampling and conversion is controlled
by CNV. A rising edge on CNV transitions the S/H circuits
from track mode to hold mode, sampling the input signals
and initiating a conversion. Once a conversion has been
started, it cannot be terminated early except by resetting
the ADC, as discussed in the Reset Timing section. For
optimum performance, drive CNV with a clean, low jitter
signal and avoid transitions on data I/O lines leading up
to the rising edge of CNV. Additionally, for best crosstalk
performance,avoidhighslewratesontheanaloginputsfor
100ns before and after the rising edge of CNV. Converter
status is indicated by the BUSY output, which transitions
low-to-high at the start of each conversion and stays high
untiltheconversioniscomplete. OnceCNVisbroughthigh
to begin a conversion, it should be returned low between
40ns and 60ns later or after the falling edge of BUSY to
minimizeexternaldisturbancesduringtheinternalconver-
sion process. The CNV timing required to take advantage
of the reduced power nap mode of operation is described
in the Nap Mode section.
Internal Conversion Clock
The LTC2335-16 has an internal clock that is trimmed
to achieve a maximum conversion time of 550ns. With
a minimum acquisition time of 420ns, throughput per-
formance of 1Msps is guaranteed without any external
adjustments. The LTC2335-16 is a multiplexed ADC and
converts one channel per CNV edge, taking a minimum
of 1μs per conversion. Thus, while scanning N channels
(N = 1 to 8), a complete scan takes at least N μs and the
maximum per-channel throughput is 1/N Msps/ch.
Nap Mode
The LTC2335-16 can be placed into nap mode after a con-
versionhasbeencompletedtoreducepowerconsumption
between conversions. In this mode a portion of the device
circuitry is turned off, including circuits associated with
sampling the analog input signals. Nap mode is enabled
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com