Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4352 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology LTC4352 Datasheet HTML 11Page - Linear Technology LTC4352 Datasheet HTML 12Page - Linear Technology LTC4352 Datasheet HTML 13Page - Linear Technology LTC4352 Datasheet HTML 14Page - Linear Technology LTC4352 Datasheet HTML 15Page - Linear Technology LTC4352 Datasheet HTML 16Page - Linear Technology LTC4352 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC4235
13
4235f
For more information www.linear.com/LTC4235
applicaTions inForMaTion
Overcurrent Fault
The LTC4235 features an adjustable current limit with
foldback that protects the external MOSFET against short
circuits or excessive load current. The voltage across the
external sense resistor RS is monitored by an active cur-
rent limit amplifier. The amplifier controls the gate of the
Hot Swap MOSFET to reduce the load current as a func-
tion of the output voltage sensed by the OUT pin during
active current limit. A graph in the Typical Performance
Characteristics shows the current limit sense voltage
versus OUT voltage.
An overcurrent fault occurs when the output has been in
currentlimitforlongerthanthefaulttimerperiodconfigured
at the FTMR pin. Current limiting begins when the sense
voltage between the SENSE+ and SENSE– pins reaches
8.3mV to 25mV depending on the OUT pin voltage. The
gate of the Hot Swap MOSFET is brought under control by
the current limit amplifier and the output current is regu-
lated to limit the sense voltage to less than 25mV. At this
point, the fault timer starts with a 100µA current charging
the FTMR pin capacitor. If the FTMR pin voltage exceeds
its 1.235V threshold, the external MOSFET turns off with
HGATE pulled to ground by 2mA and FAULT pulls low.
After the Hot Swap MOSFET turns off, the FTMR pin ca-
pacitor is discharged with a 2µA pull-down current until
its threshold reaches 0.2V. This is followed by a cool-off
period of 14 timing cycles as described in the FTMR Pin
Functions. Figure  2 shows an overcurrent fault on the
12V output.
200µs/DIV
OUT
10V/DIV
HGATE
10V/DIV
ILOAD
20A/DIV
4235 F02
Figure 2. Overcurrent Fault on 12V Output
5µs/DIV
OUT
10V/DIV
HGATE
10V/DIV
ILOAD
20A/DIV
4235 F03
Figure 3. Severe Short-Circuit on 12V Output
Intheeventofasevereshort-circuitfaultonthe12Voutput
as shown in Figure 3, the output current can surge to tens
ofamperes.TheLTC4235respondswithin1µstobringthe
current under control by pulling the HGATE to OUT voltage
downtozerovolts.Almostimmediately,thegateoftheHot
Swap MOSFET recovers rapidly due to the charge stored
in the RHG and CHG network and current is actively limited
until the fault timer expires. Due to parasitic supply lead
inductance, an input supply without any bypass capaci-
tor may collapse during the high current surge and then
spike upwards when the current is interrupted. Figure 10
shows the input supply transient suppressors comprising
of Z1, RSNUB1, CSNUB1 and Z2, RSNUB2, CSNUB2 for the two
supplies if there is no input capacitance.
FTMR Pin Functions
An external capacitor CFT connected from the FTMR pin
to GND serves as fault timing when the supply output is
in active current limit. When the voltage across the sense
resistorexceedsthefoldbackcurrentlimitthreshold(from
25mV to 8.3mV), FTMR pulls up with 100µA. Otherwise,
it pulls down with 2µA. The fault timer expires when the
1.235V FTMR threshold is exceeded, causing the FAULT
pin to pull low. For a given fault timer period, the equation
for setting the external capacitor CFT value is:
CFT = tFT • 0.083 [µF/ms]
After the fault timer expires, the FTMR pin capacitor pulls
down with 2µA from the 1.235V FTMR threshold until it
reaches0.2V.Then,itcompletes14coolingcyclesconsist-
ing of the FTMR pin capacitor charging to 1.235V with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com