Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4352 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 2 Page - Linear Technology

  LTC4352 Datasheet HTML 1Page - Linear Technology LTC4352 Datasheet HTML 2Page - Linear Technology LTC4352 Datasheet HTML 3Page - Linear Technology LTC4352 Datasheet HTML 4Page - Linear Technology LTC4352 Datasheet HTML 5Page - Linear Technology LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC4235
2
4235f
For more information www.linear.com/LTC4235
absoluTe MaxiMuM raTings
Supply Voltages
IN1, IN2.................................................. –0.3V to 24V
INTVCC..................................................... –0.3V to 7V
REG ...........................SENSE+ – 5V to SENSE+ + 0.3V
Input Voltages
ON, D2OFF, EN ...................................... –0.3V to 24V
FTMR.....................................–0.3V to INTVCC + 0.3V
SENSE+, SENSE– ................................... –0.3V to 24V
Output Voltages
IMON ....................................................... –0.3V to 7V
FAULT, PWRGD ...................................... –0.3V to 24V
CPO1, CPO2 (Note 3)............................. –0.3V to 35V
DGATE1, DGATE2 (Note 3)..................... –0.3V to 35V
HGATE (Note 4) ..................................... –0.3V to 35V
OUT ....................................................... –0.3V to 24V
Average Currents
FAULT, PWRGD ....................................................5mA
INTVCC...............................................................10mA
Operating Ambient Temperature Range
LTC4235C................................................ 0°C to 70°C
LTC4235I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
20 19 18 17
7
8
TOP VIEW
21
UFD PACKAGE
20-LEAD (4mm
× 5mm) PLASTIC QFN
9 10
6
5
4
3
2
1
11
12
13
14
15
16
SENSE–
SENSE+
IN1
INTVCC
GND
IN2
PWRGD
FAULT
ON
D2OFF
REG
IMON
TJMAX = 125°C, θJA = 43°C/W (NOTE 5)
EXPOSED PAD (PIN 21) PCB GND CONNECTION OPTIONAL
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4235CUFD-1#PBF
LTC4235CUFD-1#TRPBF 42351
20-Lead (4mm x 5mm) Plastic QFN
0°C to 70°C
LTC4235CUFD-2#PBF
LTC4235CUFD-2#TRPBF 42352
20-Lead (4mm x 5mm) Plastic QFN
0°C to 70°C
LTC4235IUFD-1#PBF
LTC4235IUFD-1#TRPBF
42351
20-Lead (4mm x 5mm) Plastic QFN
–40°C to 85°C
LTC4235IUFD-2#PBF
LTC4235IUFD-2#TRPBF
42352
20-Lead (4mm x 5mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com