Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4229 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4229
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4229 Datasheet HTML 9Page - Linear Technology LTC4229 Datasheet HTML 10Page - Linear Technology LTC4229 Datasheet HTML 11Page - Linear Technology LTC4229 Datasheet HTML 12Page - Linear Technology LTC4229 Datasheet HTML 13Page - Linear Technology LTC4229 Datasheet HTML 14Page - Linear Technology LTC4229 Datasheet HTML 15Page - Linear Technology LTC4229 Datasheet HTML 16Page - Linear Technology LTC4229 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC4236
13
4236f
For more information www.linear.com/LTC4236
applicaTions inForMaTion
Turn-On Sequence
The board power supply at the OUT pin is controlled
with external N-channel MOSFETs (MD1, MD2 and MH) in
Figure 1. The ideal diode MOSFETs connected in parallel
on the supply side function as a diode-OR, while MH on
the load side acts as a Hot Swap MOSFET controlling the
power supplied to the output load. The sense resistor RS
monitors the load current for overcurrent detection. The
HGATE capacitor CHG controls the gate slew rate to limit
the inrush current. Resistor RHG with CHG compensates
the current control loop, while RHpreventshighfrequency
oscillations in the Hot Swap MOSFET.
During a normal power-up, the ideal diode MOSFETs turn
onfirst.Assoonastheinternallygeneratedsupply,INTVCC,
rises above its 2.2V undervoltage lockout threshold, the
internal charge pump is allowed to charge up the CPO
pins. Because the ideal diode MOSFETs are connected in
parallelasadiode-OR,theSENSE+pinvoltageapproaches
the highest of the supplies at the IN1 and IN2 pins. The
MOSFET associated with the lower input supply voltage
willbeturnedoffbythecorrespondinggatedriveamplifier.
Before the Hot Swap MOSFET can be turned on, EN must
remain low and ON must remain high for a debounce cycle
as configured at the DTMR pin, to ensure that any contact
bounces during the insertion have ceased. At the end of
the debounce cycle, the internal fault latch is cleared. The
Hot Swap MOSFET is then allowed to turn on by charging
up HGATE with a 10µA current source from the charge
pump. The voltage at the HGATE pin rises with a slope
equal to 10µA/CHG and the supply inrush current flowing
into the load capacitor CL is limited to:
IINRUSH =
CL
CHG
•10µA
The OUT voltage follows the HGATE voltage when the Hot
Swap MOSFET turns on. If the voltage across the current
sense resistor RS becomes too high based on the FB pin
voltage, the inrush current will be limited by the internal
current limiting circuitry. Once the MOSFET gate overdrive
exceeds 4.2V and the FB pin voltage is above 1.235V, the
PWRGD pin pulls low to indicate that the power is good.
Once OUT reaches the input supply voltage, HGATE con-
tinues to ramp up. An internal 12V clamp limits the HGATE
voltage above OUT.
When the ideal diode MOSFET is turned on, the gate
drive amplifier controls the gate of the MOSFET to servo
the forward voltage drop across the MOSFET to 15mV.
If the load current causes more than 15mV of drop, the
MOSFET gate is driven fully on and the voltage drop is
equal to ILOAD • RDS(ON).
Turn-Off Sequence
The external MOSFETs can be turned off by a variety of
conditions. A normal turn-off for the Hot Swap MOSFET is
initiated by pulling the ON pin below its 1.155V threshold
(80mV ON pin hysteresis), or pulling the EN pin above its
1.235V threshold. Additionally, an overcurrent fault that
exceeds the fault timer period also turns off the Hot Swap
MOSFET. Normally, the LTC4236 turns off the MOSFET by
pulling the HGATE pin to ground with a 2mA current sink.
All of the MOSFETs turn off when INTVCC falls below its
undervoltage lockout threshold (2.2V). The DGATE pin is
pulled down with a 100µA current to one diode voltage
belowtheIN1orD2SRCpins,whiletheHGATEpinispulled
down to the OUT pin by a 200mA current. When D2OFF
is pulled high above 1.235V, the ideal diode MOSFET in
the IN2 power path is turned off with DGATE2 pulled low
by a 100µA current.
The gate drive amplifier controls the ideal diode MOSFET
to prevent reverse current when the input supply falls
below SENSE+. If the input supply collapses quickly, the
gate drive amplifier turns off the ideal diode MOSFET with
a fast pull-down circuit. If the input supply falls at a more
modest rate, the gate drive amplifier controls the MOSFET
to maintain SENSE+ at 15mV below IN.
Board Presence Detect with EN
If ON is high when the EN pin goes low, indicating a board
presence,theLTC4236initiatesatimingcycleasconfigured
at the DTMR pin for contact debounce. It defaults to inter-
nal 100ms delay if DTMR is tied to INTVCC. If an external
capacitor CDT is connected from the DTMR pin to GND,
the delay is given by charging the capacitor to 1.235V with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com