Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4229 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4229
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4229 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4229 Datasheet HTML 16Page - Linear Technology LTC4229 Datasheet HTML 17Page - Linear Technology LTC4229 Datasheet HTML 18Page - Linear Technology LTC4229 Datasheet HTML 19Page - Linear Technology LTC4229 Datasheet HTML 20Page - Linear Technology LTC4229 Datasheet HTML 21Page - Linear Technology LTC4229 Datasheet HTML 22Page - Linear Technology LTC4229 Datasheet HTML 23Page - Linear Technology LTC4229 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4236
21
4236f
For more information www.linear.com/LTC4236
applicaTions inForMaTion
+
ADC
+
VIN1
5V
PRIMARY
SUPPLY
VIN2
CPO1
GND
ON
FAULT
PWRGD
DSTAT1
CL
470µF
12V
5A
R1
2k
INTVCC
Z2
SMAJ15A
D2OFF
IN1 DGATE1
DGATE2
4236 F08
MD3
SiR818DP
MH
SiR818DP
RS
0.004
HGATE
OUT
FB
SENSE+ CS+
SENSE–
D2SRC
CPO2
C3
0.1µF
C4
0.1µF
IN2
R2
4.64k
R4
4.87k
R3
2k
RH
10
RHG
1k
CHG
10nF
MD2
SiR818DP
REG
C2
0.1µF
C1
0.1µF
MD1
SiR818DP
EN
CDT
0.1µF
12V
BACKUP
BATTERY
Z1
SMAJ15A
DTMR
CFT
0.1µF
FTMR
IMON
R6
20k
R7
56.2k
R5
2.2k
C5
0.1µF
DSTAT2
LTC4236
Figure 8. 2-Channel Power Prioritizer
BACKPLANE
CONNECTOR
VIN1
12V
VIN2
12V
CARD
CONNECTOR
12V
10A
R1
10k
Z2
SMAJ15A
4236 F09
MD2
SiR158DP
MH
SiR158DP
RS
0.002
VSENSE+
C3
0.1µF
RH
10
C2
0.1µF
MD1
SiR158DP
PWREN
Z1
SMAJ15A
RSNUB1
100
CSNUB1
0.1µF
RSNUB2
100
CSNUB2
0.1µF
D3
R6
2.7k
D1
R8
2.7k
D1, D2, D3: GREEN LED LN1351C
D4: RED LED LN1261CAL
R5
2.7k
D4
ADC
CPO1
GND
ON
INTVCC
D2OFF
IN1 DGATE1
DGATE2
LTC4236
OUT
IN2
EN
DTMR
R7
2.7k
D2
C1
0.1µF
CDT
0.1µF
FTMR
CFT
0.1µF
SENSE+ CS+
C4
0.1µF
REG
CL
220µF
+
R4
15k
R3
2k
FAULT
PWRGD
DSTAT1
DSTAT2
IMON
FB
D2SRC
RHG
1k
CHG
10nF
CPO2
HGATE
SENSE–
Figure 9. 12V, 10A Card Resident Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com