Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1355
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1355 Datasheet HTML 17Page - Linear Technology LT1355 Datasheet HTML 18Page - Linear Technology LT1355 Datasheet HTML 19Page - Linear Technology LT1355 Datasheet HTML 20Page - Linear Technology LT1355 Datasheet HTML 21Page - Linear Technology LT1355 Datasheet HTML 22Page - Linear Technology LT1355 Datasheet HTML 23Page - Linear Technology LT1355 Datasheet HTML 24Page - Linear Technology LT1355 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC2358-16
21
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Bipolar SoftSpan Input Ranges
For channels configured in SoftSpan ranges 7, 6, 3,
or 2, the LTC2358-16 digitizes the differential analog
input voltage (VIN+ – VIN–) over a bipolar span of
±2.5 • VREFBUF, ±2.5 • VREFBUF/1.024, ±1.25 • VREFBUF, or
±1.25 • VREFBUF/1.024, respectively, as shown in Table 1a.
TheseSoftSpanrangesareusefulfordigitizinginputsignals
where IN+ and IN– swing above and below each other.
Traditionalexamplesincludefullydifferentialinputsignals,
where IN+ and IN– are driven 180 degrees out-of-phase
with respect to each other centered around a common
mode voltage (VIN+  +  VIN–)/2, and pseudo-differential
true bipolar input signals, where IN+ swings above and
below a ground reference level, driven on IN–. Regardless
of the chosen SoftSpan range, the wide common mode
input range and high CMRR of the IN+/IN– analog inputs
allow them to swing with an arbitrary relationship to each
other, provided each pin remains between (VCC – 4V) and
(VEE + 4V). The output data format for all bipolar SoftSpan
ranges is two’s complement.
Unipolar SoftSpan Input Ranges
For channels configured in SoftSpan ranges 5, 4, or 1, the
LTC2358-16 digitizes the differential analog input voltage
(VIN+ – VIN–) over a unipolar span of 0V to 2.5 • VREFBUF,
0V to 2.5 • VREFBUF/1.024, or 0V to 1.25 • VREFBUF, respec-
tively, as shown in Table 1a. These SoftSpan ranges are
useful for digitizing input signals where IN+ remains above
IN–. A traditional example includes pseudo-differential
unipolar input signals, where IN+ swings above a ground
reference level, driven on IN–. Regardless of the chosen
SoftSpan range, the wide common mode input range and
high CMRR of the IN+/IN– analog inputs allow them to
swingwithanarbitraryrelationshiptoeachother,provided
each pin remains between (VCC – 4V) and (VEE + 4V).
The output data format for all unipolar SoftSpan ranges
is straight binary.
INPUT DRIVE CIRCUITS
The CMOS buffer input stage offers a very high degree of
transient isolation from the sampling process. Most sen-
sors,signalconditioningamplifiersandfilternetworkswith
less than 10kΩ of impedance can drive the passive 3pF
analog input capacitance directly. For higher impedances
and slow-settling circuits, add a 680pF capacitor at the
pins to maintain the full DC accuracy of the LTC2358-16.
The very high input impedance of the unity gain buffers in
the LTC2358-16 greatly reduces the drive requirements of
the differential amplifier and make it possible to include
optional RC filters with kΩ impedance and arbitrarily slow
time constants for anti-aliasing or other purposes. Micro-
power op amps with limited drive capability are also well
suited to drive the high impedance analog inputs directly.
The LTC2358-16 features proprietary circuitry to achieve
exceptional internal crosstalk isolation between channels
(109dB typical). The PC board wiring to the analog inputs
shouldbeshortandshieldedtopreventexternalcapacitive
crosstalkbetweenchannels.Thecapacitancebetweenadja-
cent package pins is 0.16pF.Low source resistance and/or
high source capacitance help reduce external capacitively
coupled crosstalk. Single ended input drive also enjoys
additional external crosstalk isolation because every other
input pin is grounded, or at a low impedance DC source,
and serves as a shield between channels.
INPUT OVERDRIVE TOLERANCE
DrivingananaloginputaboveVCConanychannelupto10mA
willnotaffectconversionresultsonotherchannels.Approx-
imately70%ofthisoverdrivecurrentwillflowoutoftheVCC
pinandtheremaining30%willflowoutofVEE.Thiscurrent
flowing out of VEE will produce heat across the VCC – VEE
voltage drop and must be taken into account for the total
Absolute Maximum power dissipation of 500mW. Driving
an analog input below VEE may corrupt conversion results
on other channels. This product can handle input currents
of up to 100mA below VEE or above VCC without latchup.
Keep in mind that driving the inputs above VCC or below
VEE may reverse the normal current flow from the external
power supplies driving these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com