Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1355 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1355
Description  Buffered Octal, 16-Bit, 200ksps/Ch Differential 짹10.24V ADC with 30VP-P Common Mode Range
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1355 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1355 Datasheet HTML 18Page - Linear Technology LT1355 Datasheet HTML 19Page - Linear Technology LT1355 Datasheet HTML 20Page - Linear Technology LT1355 Datasheet HTML 21Page - Linear Technology LT1355 Datasheet HTML 22Page - Linear Technology LT1355 Datasheet HTML 23Page - Linear Technology LT1355 Datasheet HTML 24Page - Linear Technology LT1355 Datasheet HTML 25Page - Linear Technology LT1355 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC2358-16
22
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
feature of the LTC2358-16 enables it to accept a wide
variety of signal swings, simplifying signal chain design.
The two-tone test shown in Figure 6b demonstrates the
arbitraryinputdrivecapabilityoftheLTC2358-16.Thistest
simultaneouslydrivesIN+witha−7dBFS2kHzsingle-ended
sine wave and IN− with a −7dBFS 3.1kHz single-ended sine
wave. Together, these signals sweep the analog inputs
across a wide range of common mode and differential
mode voltage combinations, similar to the more general
arbitrary input signal case. They also have a simple spec-
tral representation. An ideal differential converter with no
common-mode sensitivity will digitize this signal as two
−7dBFS spectral tones, one at each sine wave frequency.
The FFT plot in Figure 6b demonstrates the LTC2358-16
response approaches this ideal, with 119dB of SFDR
limited by the converter's second harmonic distortion
response to the 3.1kHz sine wave on IN–.
The ability of the LTC2358-16 to accept arbitrary signal
swings over a wide input common mode range with high
CMRR can simplify application solutions. In practice,
many sensors produce a differential sensor voltage riding
on top of a large common mode signal. Figure 7a depicts
one way of using the LTC2358-16 to digitize signals of
this type. The amplifier stage provides a differential gain
of approximately 10V/V to the desired sensor signal while
the unwanted common mode signal is attenuated by the
ADCCMRR.Thecircuitemploysthe±5VSoftSpanrangeof
the ADC. Figure 7b shows measured CMRR performance
of this solution, which is competitive with the best com-
mercially available instrumentation amplifiers. Figure 7c
shows measured AC performance of this solution.
In Figure 8, another application circuit is shown which
uses two channels of the LTC2358-16 to simultaneously
sensethevoltageandbidirectionalcurrentthroughasense
resistor over a wide common mode range.
Input Filtering
The true high impedance analog inputs can accommodate
a very wide range of passive or active signal conditioning
filters. The buffered ADC inputs have an analog bandwidth
of6MHz,andimposenoparticularbandwidthrequirement
onexternalfilters.Theexternalinputfilterscanthereforebe
optimized independent of the ADC to reduce signal chain
noise and interference. A common filter configuration is
thesimpleanti-aliasingandnoisereducingRCfilterwithits
pole at half the sampling frequency. For example, 100kHz
with R=2.43kΩ and C=680pF as shown in Figure 5.
–15V
15V
LTC2358-16
235816 F05
ONLY CHANNEL 0 SHOWN FOR CLARITY
TRUE BIPOLAR
+10V
0V
–10V
+10V
0V
–10V
UNIPOLAR
0.1µF
0.1µF
0.1µF
47µF
IN0+
IN0–
VCC
REFIN
REFBUF
VEE
OPTIONAL
LOWPASS FILTER
680pF
R = 2.43k
IN+
IN–
Figure 5. Filtering Single-Ended Input Signals
High quality capacitors and resistors should be used in
the RC filters since these components can add distortion.
NPO/COG and silver mica type dielectric capacitors have
excellent linearity. Carbon surface mount resistors can
generate distortion from self-heating and from damage
that may occur during soldering. Metal film surface mount
resistors are much less susceptible to both problems.
Arbitrary and Fully Differential Analog Input Signals
The wide common mode input range and high CMRR of
the LTC2358-16 allow each channel’s IN+ and IN– pins to
swingwithanarbitraryrelationshiptoeachother,provided
each pin remains between (VCC – 4V) and (VEE + 4V). This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com