Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4352 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4352
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 16Page - Linear Technology LTC4352 Datasheet HTML 17Page - Linear Technology LTC4352 Datasheet HTML 18Page - Linear Technology LTC4352 Datasheet HTML 19Page - Linear Technology LTC4352 Datasheet HTML 20Page - Linear Technology LTC4352 Datasheet HTML 21Page - Linear Technology LTC4352 Datasheet HTML 22Page - Linear Technology LTC4352 Datasheet HTML 23Page - Linear Technology LTC4352 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC4236
20
4236f
For more information www.linear.com/LTC4236
applicaTions inForMaTion
It is also important to place the bypass capacitor C1 for
the INTVCC pin, as close as possible between INTVCC and
GND. Also place C2 near the CPO1 and IN1 pins, C3 near
the CPO2 and D2SRC pins, and C4 near the REG and
SENSE+ pins. The transient voltage suppressors Z1 and
Z2, when used, should be mounted close to the LTC4236
using short lead lengths.
Power Prioritizer
Figure 8 shows an application where the IN1 supply is
passed to the output on the basis of priority, rather than
simply allowing the highest voltage to prevail. This is
achieved by connecting a resistive divider from IN1 at the
D2OFF pin to suppress the turn-on of the back-to-back
ideal diode MOSFETs, MD2 and MD3 in the IN2 power path.
In this application, the 5V primary supply (VIN1) is passed
to the output whenever it is available; power is drawn
from the 12V backup supply (VIN2) only when the primary
supply is unavailable. As long as VIN1 is above the 4.7V
threshold set by the R6-R7 divider at the D2OFF pin, MD2
and MD3 are turned off, allowing VIN1 to be connected to
the output through MD1. The common source terminals of
MD2 and MD3 are connected to D2SRC pin, which allows
the body-diode of MD2 to reverse block the current flow
from the higher backup supply (VIN2) to the output. If the
primary supply fails and VIN1 drops below 4.3V, D2OFF is
allowed to turn on MD2 and MD3, and connect the VIN2 to
the output. When VIN1 returns to a viable voltage, MD2 and
MD3 turn off, and the output is connected to VIN1. Adding
R5 in the R6-R7 divider and bypassing it with DSTAT2 pin
control allows the D2OFF pin hysteresis to be increased
from 20mV to 100mV. The resistive divider at the ON pin
sets the SENSE+ undervoltage threshold to 4.1V.
C4
D
G
D
S
D
S
D
S
S
D
S
D
S
D
G
D
S
D
S
D
S
D
G
D
•••
•
•
•
•
•
•
•
•
•
•
••
•
Z2
Z1
RS
MH
PowerPAK SO-8
MD1
PowerPAK SO-8
MD2
PowerPAK SO-8
W
IN1
VIA TO IN1
CURRENT FLOW
TO LOAD
C3
C2
RH
C1
OUT
W
W
IN2
CURRENT FLOW
TO LOAD
TRACK WIDTH W:
0.03" PER AMPERE
ON 1oz Cu FOIL
VIA TO C2 (CPO1)
VIA TO DGATE2
VIA TO C4 (REG)
VIA TO SENSE+
VIA TO GND PLANE
VIA TO GND PLANE
VIA TO GND PLANE
VIA TO DGATE1
9 10 11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
7
17
18
19
20
21
22
16
8
15
LTC4236UFD
4236 F07
Figure 7. Recommended PCB Layout for Power MOSFETs and Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com