Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4352 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4352
Description  Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 4 Page - Linear Technology

  LTC4352 Datasheet HTML 1Page - Linear Technology LTC4352 Datasheet HTML 2Page - Linear Technology LTC4352 Datasheet HTML 3Page - Linear Technology LTC4352 Datasheet HTML 4Page - Linear Technology LTC4352 Datasheet HTML 5Page - Linear Technology LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4236
4
4236f
For more information www.linear.com/LTC4236
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Inputs
VD2OFF(H,TH)
D2OFF Pin High Threshold
D2OFF Rising
l
1.21
1.235
1.26
V
VD2OFF(L,TH)
D2OFF Pin Low Threshold
D2OFF Falling
l
1.19
1.215
1.24
V
∆VD2OFF(HYST) D2OFF Pin Hysteresis
l
10
20
30
mV
VIN(TH)
ON, FB Pin Threshold Voltage
Voltage Rising
l
1.21
1.235
1.26
V
∆VON(HYST)
ON Pin Hysteresis
l
40
80
120
mV
∆VFB(HYST)
FB Pin Hysteresis
l
10
20
30
mV
VON(RESET)
ON Pin Fault Reset Threshold Voltage
ON Falling
l
0.57
0.6
0.63
V
IIN(LEAK)
Input Leakage Current (ON, FB, D2OFF)
V = 5V
l
0
±1
µA
VEN(TH)
EN Pin Threshold Voltage
EN Rising
l
1.185
1.235
1.284
V
∆VEN(HYST)
EN Pin Hysteresis
l
60
110
200
mV
IEN(UP)
EN Pull-Up Current
EN = 1V
l
–7
–10
–13
µA
VTMR(H)
FTMR, DTMR Pin High Threshold
l
1.198
1.235
1.272
V
VTMR(L)
FTMR, DTMR Pin Low Threshold
l
0.15
0.2
0.25
V
IFTMR(UP)
FTMR Pull-Up Current
FTMR = 1V, In Fault Mode
l
–80
–100
–120
µA
IFTMR(DN)
FTMR Pull-Down Current
FTMR = 2V, No Faults
l
1.3
2
2.7
µA
DRETRY
Auto-Retry Duty Cycle
l
0.07
0.15
0.23
%
IDTMR(UP)
DTMR Pull-Up Current
DTMR = 0.6V
l
–8
–10
–12
µA
IDTMR(DN)
DTMR Pull-Down Current
DTMR = 1.5V
l
1
5
10
mA
∆VDTMR(TH)
DTMR Pin Threshold Voltage
(VDTMR – VINTVCC)
tD(HGATE) Start-Up Delay
l
–0.1
–0.3
–0.5
V
tRST(ON)
ON Low to FAULT High
l
20
40
µs
tPG(FB)
FB Low to PWRGD High
l
20
40
µs
Outputs
IOUT
OUT Pin Current
OUT = 11V, IN = 12V, ON = 2V
OUT = 13V, IN = 12V, ON = 2V
l
l
40
2.5
100
4
µA
mA
VOL
Output Low Voltage
(FAULT, PWRGD, DSTAT1, DSTAT2)
I = 1mA
I = 3mA
l
l
0.15
0.4
0.4
1.2
V
V
VOH
Output High Voltage (FAULT, PWRGD)
I = –1µA
l
INTVCC – 1 INTVCC– 0.5
V
IOH
Input Leakage Current
(FAULT, PWRGD, DSTAT1, DSTAT2)
V = 18V
l
0
±1
µA
IPU
Output Pull-Up Current (FAULT, PWRGD)
V = 1.5V
l
–7
–10
–13
µA
Current Monitor
∆VREG
Floating Regulator Voltage
(VSENSE+ – VREG)
IREG = ±1µA
l
3.6
4.1
4.6
V
∆VSENSE(FS)
Input Sense Voltage Full Scale
(VSENSE+ – VSENSE–)
SENSE+ = 12V
l
25
mV
VIMON(OS)
IMON Input Offset Voltage
∆VSENSE = 0V
l
±150
µV
GIMON
IMON Voltage Gain
∆VSENSE = 20mV and 5mV
l
99
100
101
V/V
VIMON(MAX)
IMON Maximum Output Voltage
∆VSENSE = 70mV, 5V ≤ SENSE+ ≤ 18V
∆VSENSE = 35mV, SENSE+ = 2.9V
l
l
3.5
2.7
5.5
2.9
V
V
VIMON(MIN)
IMON Minimum Output Voltage
∆VSENSE = 200µV
l
40
mV
RIMON(OUT)
IMON Output Resistance
∆VSENSE = 200µV
l
15
20
27
kΩ
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com