Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6204
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204 Datasheet(HTML) 1 Page - Linear Technology

  LT6204 Datasheet HTML 1Page - Linear Technology LT6204 Datasheet HTML 2Page - Linear Technology LT6204 Datasheet HTML 3Page - Linear Technology LT6204 Datasheet HTML 4Page - Linear Technology LT6204 Datasheet HTML 5Page - Linear Technology LT6204 Datasheet HTML 6Page - Linear Technology LT6204 Datasheet HTML 7Page - Linear Technology LT6204 Datasheet HTML 8Page - Linear Technology LT6204 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC6253-7
1
62537f
For more information www.linear.com/LTC6253-7
TYPICAL APPLICATION
DESCRIPTION
2GHz, 3.5mA Gain of 7
Stable Rail-to-Rail I/O
Dual Op Amp
The LTC®6253-7 is a dual high speed, low power, rail-to-
rail input/output operational amplifier. On only 3.5mA of
supplycurrent,itfeaturesa2GHzgain-bandwidthproduct,
500V/µs slew rate and a low 2.75nV/√Hz of input-referred
noise. The combination of high bandwidth, high slew rate,
low power consumption and low broadband noise makes
the LTC6253-7 ideal for lower supply voltage, high speed
signalconditioningsystems.Thedeviceisstableforclosed
loop noise gains of 7 or higher.
The LTC6253-7 maintains high efficiency performance
from supply voltage levels of 2.5V to 5.25V and is fully
specified at supplies of 2.7V and 5.0V.
For applications that require power-down, the LTC6253-7
offers a shutdown pin which disables the amplifier and
reduces current consumption to 42µA.
The LTC6253-7 can be used as a plug-in replacement for
many commercially available op amps to reduce power or
to improve input/output range and performance.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n
Gain Bandwidth Product: 2GHz
n
–3dB Frequency (AV = 7): 160MHz
n
Low Quiescent Current: 3.5mA Max
n
High Slew Rate: 500V/µs
n
Input Common Mode Range Includes Both Rails
n
Output Swings Rail-to-Rail
n
Low Broadband Voltage Noise: 2.75nV/√Hz
n
Fast Output Recovery
n
Supply Voltage Range: 2.5V to 5.25V
n
Input Offset Voltage: 350µV Max
n
Large Output Current: 90mA
n
CMRR: 105dB
n
Open Loop Gain: 60V/mV
n
Operating Temperature Range: –40°C to 125°C
n
MS10 Package with Independent Shutdown Pins
n
Low Voltage, High Frequency Signal Processing
n
Driving A/D Converters
n
Rail-to-Rail Buffer Amplifiers
n
Active Filters
n
Battery Powered Equipment
ADC Driver with Gain
LTC6253–7 Driving LTC2314–14
1024 Point FFT
fS = 2Msps
F1 = 20.5kHz
F1 AMPLITUDE = –0.916dBFS
SFDR = 89dB
SNR = 72dB
FREQUENCY (kHz)
0 100 200 300 400 500 600 700 800 900 1000
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
62537 TA01b
2.2µF
5V
2.2µF
CS
CS
SCK
SCK
SDO
SDO
GND
625234 TA01
AIN
47pF
100
VIN = 0V TO 580mV
VDD
REF
LTC2314-14
8-PIN TSOT
OVDD
3.3V
200Ω
2.2µF
4.4V
–0.7V
–
+
½ LTC6253-7
1.21k
OUT
V–
V+


Similar Part No. - LT6204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6204 LINER-LT6204 Datasheet
591Kb / 24P
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
LT6204 LINER-LT6204 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6204 LINER-LT6204 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6204 LINER-LT6204 Datasheet
380Kb / 16P
Single/Dual Operational Amplifiers
logo
Analog Devices
LT6204 AD-LT6204 Datasheet
2Mb / 28P
1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
More results

Similar Description - LT6204

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1212 GMT-G1212 Datasheet
501Kb / 6P
Rail-to-Rail I/O OP Amp
logo
Maxwell Technologies
6484RPFK MAXWELL-6484RPFK Datasheet
81Kb / 7P
CMOS Quad Rail-to-Rail I/O Op Amp
logo
Global Mixed-mode Techn...
G1211 GMT-G1211 Datasheet
212Kb / 6P
Rail-to-Rail I/O, 100mA Output Op Amp
G1224 GMT-G1224 Datasheet
30Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224_07 Datasheet
335Kb / 8P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
logo
Linear Technology
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6254 LINER-LTC6254_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Global Mixed-mode Techn...
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com