Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6204 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6204
Description  2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6204 Datasheet(HTML) 2 Page - Linear Technology

  LT6204 Datasheet HTML 1Page - Linear Technology LT6204 Datasheet HTML 2Page - Linear Technology LT6204 Datasheet HTML 3Page - Linear Technology LT6204 Datasheet HTML 4Page - Linear Technology LT6204 Datasheet HTML 5Page - Linear Technology LT6204 Datasheet HTML 6Page - Linear Technology LT6204 Datasheet HTML 7Page - Linear Technology LT6204 Datasheet HTML 8Page - Linear Technology LT6204 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC6253-7
2
62537f
For more information www.linear.com/LTC6253-7
(VS = 5V) The l denotes the specifications which apply across the
specified temperature range, otherwise specifications are at TA = 25°C. For each amplifier VS = 5V, 0V; VSHDN = 2V; VCM = VOUT =
2.5V, unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6253IMS-7#PBF
LTC6253IMS-7#TRPBF
LTGWS
10-Lead Plastic MSOP
–40°C to 85°C
LTC6253HMS-7#PBF
LTC6253HMS-7#TRPBF
LTGWS
10-Lead Plastic MSOP
–40°C to 125°C
*Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Total Supply Voltage (V+ to V–)................................5.5V
Input Current (+IN, –IN, SHDN) (Note 2).............. ±10mA
Output Current (Note 3) .....................................±100mA
Operating Temperature Range (Note 4).. –40°C to 125°C
Specified Temperature Range (Note 5) .. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature ........................................... 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = Half Supply
l
–350
–1000
50
350
1000
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–2.2
–3.3
0.1
2.2
–3.3
mV
mV
DVOS
Input Offset Voltage Match
(Channel-to-Channel) (Note 7)
VCM = Half Supply
l
–350
–550
50
350
550
µV
µV
VCM = V+ – 0.5V, NPN Mode
l
–2.75
–4
0.1
2.75
4
mV
mV
VOS TC
Input Offset Voltage Drift
l
–3.5
µV/°C
IB
Input Bias Current (Note 6)
VCM = Half Supply
l
–0.75
–1.15
–0.1
0.75
1.15
µA
µA
VCM = V+ – 0.5V, NPN Mode
l
0.8
0.4
1.4
3.0
5.0
µA
µA
IOS
Input Offset Current
VCM = Half Supply
l
–0.5
–0.6
–0.03
0.5
0.6
µA
µA
VCM = V+ – 0.5V, NPN Mode
l
–0.5
–0.6
–0.03
0.5
0.6
µA
µA
en
Input Noise Voltage Density
f = 1MHz
2.75
nV/√Hz
Input 1/f Noise Voltage
f = 0.1Hz to 10Hz
2
µVP-P
in
Input Noise Current Density
f = 1MHz
4
pA/√Hz
PIN CONFIGURATION
(Note 1)
1
2
3
4
5
OUT A
–IN A
+IN A
V–
SHDNA
10
9
8
7
6
V+
OUT B
–IN B
+IN B
SHDNB
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, qJA = 160°C/W (NOTE 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com