Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6002
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6002 Datasheet HTML 12Page - Linear Technology LT6002 Datasheet HTML 13Page - Linear Technology LT6002 Datasheet HTML 14Page - Linear Technology LT6002 Datasheet HTML 15Page - Linear Technology LT6002 Datasheet HTML 16Page - Linear Technology LT6002 Datasheet HTML 17Page - Linear Technology LT6002 Datasheet HTML 18Page - Linear Technology LT6002 Datasheet HTML 19Page - Linear Technology LT6002 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC6258/LTC6259/LTC6260
16
6258960fa
For more information www.linear.com/LTC6258
Figure 4b. Low Power Sine Generator
Figure 4c. FFT
Figure 4a. Low Power Squarewave - Sinewave Oscillator
APPLICATIONS INFORMATION
Low Power Sine Wave Generator
Alowpowersinewavegeneratorcanbederivedbydrivinga
squarewaveintothebandpassfilter.Acompleteschematic
is shown in Figure 4a. The LTC6992-1 easily configures
as a 50% duty cycle 10kHz square wave, and can drive
the relatively benign loading seen in the bandpass filter.
Figures4band4cshowtheLTC6992-1outputandbandpass
filter output. THD of the sine wave is –30.5 dBc. Note, even
harmonics that appear in the distortion products of the
filtered output already appear in the source square wave.
Low Noise Reference
The LT6656 is a 1µA precision series voltage reference.
Yet with low power comes low drive current capability
and higher noise. The LTC6259 can be used as a buf-
fer that follows a filter to enhance the utilization of the
LT6656 in low power applications. Figure 5a shows such
a configuration. First a very low cutoff frequency follows
the LT6656 output (RIN1 and CIN1, lower than 5Hz cutoff).
Choice of filter resistor RIN1 is such that the bias current in
the LTC6259, multiplied by the resistance value, is lower
than the nominal offset voltage of the op amp. CIN1 can
be larger or smaller, with more or less filtering accord-
ingly. The voltage withstanding requirement of CIN1 is low,
resulting in large capacitance in a small volume.
V+
V+
4.7nF
4.7nF
21k
4.7nF
154k
182k
976k
0.1µF
154k
562
499k
6258 F04a
499k
1µF
10k
10k
MOD
LTC6992-1
GND
SET
OUT
V+
DIV
OUT
0.1µF
LT6258
–
+
V+
50µs/Div
0
1.0
2.0
3.0
4.0
5.0
6258 F04b
FILTERED OUTPUT
SQUARE WAVE
FREQUENCY (kHz)
0 10 20 30 40 50 60 70 80 90 100
–120
–100
–80
–60
–40
–20
0
20
6258 F04c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com