Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6002 Datasheet(PDF) 18 Page - Linear Technology

Part # LT6002
Description  1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6002 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT6002 Datasheet HTML 14Page - Linear Technology LT6002 Datasheet HTML 15Page - Linear Technology LT6002 Datasheet HTML 16Page - Linear Technology LT6002 Datasheet HTML 17Page - Linear Technology LT6002 Datasheet HTML 18Page - Linear Technology LT6002 Datasheet HTML 19Page - Linear Technology LT6002 Datasheet HTML 20Page - Linear Technology LT6002 Datasheet HTML 21Page - Linear Technology LT6002 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC6258/LTC6259/LTC6260
18
6258960fa
For more information www.linear.com/LTC6258
APPLICATIONS INFORMATION
Figure 6a. Lower Power LED Driver with Voltage Command
Figure 6b. LED Current
–
+
D1
D
M1
2N7002
R1
1
R6
100k
R7
237
R4
51
R5
2M
LTC6258
5V
R3
2.2k
R2
97.6k
VIN
C1
100nF
6258 F06a
C2
10nF
VG
Indeed, the circuit works nicely. Once the input voltage is
near 0, the LED current output is 0 and the total supply
current is 20µA. Gain from the input voltage to LED cur-
rent is 0.022A/V, as can be taken from the R2/R3 voltage
divider and the sense resistor value.
LED Current =
VIN
R1
•
R3
R2+R3
Self-Oscillating LED Driver
Taking the circuit of the above application a step further,
the circuit of Figure 7a combines edge detection with use
of the shutdown pin of the LTC6259. R2 and R3 bring in
a divided down copy of the supply voltage as a reference
into the positive terminal. The op amp forces this voltage
on the sense resistor RSENSE in “LED ON” operation. In
that sense this circuit is similar to the one above.
20 µA SUPPLY WHEN LED OFF
MEASURED
CALCULATED
INPUT VOLTAGE (V)
0
1
2
3
4
5
0
20
40
60
80
100
6258 F06b
However, whereas the previous circuit assumes an
always-on operation mode, this new circuit hijacks the
shutdown pin. C2 can AC couple fast action signals into
the signal VC. Hence when the gate voltage VG increases
when “LED ON” begins, VC will suddenly rise. VC connects
to the shutdown pin; a rising edge on the shutdown pin
enables the LTC6259, which is already active, to stay on.
However, M3 is also on while M1 is on, and as a result
will work with R9 to charge C2 slowly until VC falls below
the shutdown threshold. At that moment, the active low
shutdown kicks in, and the LTC6259 turns off. A negative
falling VG voltage again feeds through C2, and a falling
VC and hence a falling shutdown pin voltage keeps the
circuit in an “LED OFF” state for some time. M3 turns off,
and C2 discharges until VC is high enough to reactivate
the LTC6259.
It may seem a bit odd to develop such a circuit when a
microprocessor or a LTC6992 can provide on-off capabil-
ity in combination with a single MOSFET and resistor. The
problem with those circuits, however, is the lack of control
over the LED current. In the circuit of this application, a
voltage is controlled across a sense resistor. There is no
dependenceontheLEDvoltageinhowmuchcurrentdrives
the LED. And generation of the on-off, or blinking, comes
withtheadditionofonlyahandfuloflowcostcomponents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com