Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8714GLE Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8714GLE
Description  High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714GLE Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8714GLE Datasheet HTML 1Page - Monolithic Power Systems MP8714GLE Datasheet HTML 2Page - Monolithic Power Systems MP8714GLE Datasheet HTML 3Page - Monolithic Power Systems MP8714GLE Datasheet HTML 4Page - Monolithic Power Systems MP8714GLE Datasheet HTML 5Page - Monolithic Power Systems MP8714GLE Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EV8714-LE-00A – 10A HIGH EFFICIENCY SYNC. STEP DOWN CONVERTER
EV8714-LE-00A Rev.1.0
www.MonolithicPower.com
2
12/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
9
5
C3
0.47μF
R4
100kΩ
R2
120kΩ
R3
51kΩ
C1A
22µF
C1B
0.1µF
R5
0Ω
C5
0.1µF
R1
80.6kΩ
L1
1.5µH
C6
22pF
C4
22nF
VIN
4.5V-17V
PG
VOUT
1V/10A
13
7
4
3
6
14
8
12
11
10
2
1
EN
R6
10Ω
C2
22µF
C2A
22µF
C2B
22µF
C2C
22µF
C2D
NS
C1
22µF
C1C
NS
EV8714-LE-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
1
R1
80.6k
Film Res,1%
0603
ROYAL
RC0603FR-0780K6L
1
R2
120k
Film Res,1%
0603
ROYAL
RL0603FR-07120KL
1
R3
51k
Film Res,1%
0603
ROYAL
RL0603FR-0751KL
1
R4
100k
Film Res,1%
0603
ROYAL
RL0603FR-07100KL
1
R5
0Ω
Film Res,1%
0402
RALEC
RTT020000FTP
1
R6
10 Ω
Film Res,1%
0603
ROYAL
RL0603FR-0710RL
2
C1B, C5
0.1μF
Ceramic
Cap,25V,X7R
0603
muRata
GRM188R71E104KA01D
2
C1A, C1
22μF
Ceramic
Cap,25V,X5R
1206
muRata
GRM31CR61E226KE15L
4
C2, C2A,
C2B,
C2C
22μF
Ceramic Cap,
25V,X5R
0805
muRata
GRM21BR61E226ME44L
2
C2D,
C1C
NS
1
C3
0.47 μF
Ceramic
Cap,16V,X7R
0603
muRata
GRM188R71C474KA88D
1
C4
22nF
Ceramic
Cap,16V,X7R
0603
muRata
GRM188R71C223KA01D
1
C6
22pF
Ceramic
Cap,50V,C0G
0603
muRata
GRM1885C1H220JA01D
1
L1
1.5μH
IR=11A,Isat=14A,
DCR=6.6m Ω
SMD
Wurth
744 311 150
1
U1
MP8714
Step-Down
Converter
QFN14
(3*4)
MPS
MP8714GLE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com