Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8714GLE Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8714GLE
Description  High Efficiency,10A,17V, Synchronous Step-Down Converter Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8714GLE Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8714GLE Datasheet HTML 1Page - Monolithic Power Systems MP8714GLE Datasheet HTML 2Page - Monolithic Power Systems MP8714GLE Datasheet HTML 3Page - Monolithic Power Systems MP8714GLE Datasheet HTML 4Page - Monolithic Power Systems MP8714GLE Datasheet HTML 5Page - Monolithic Power Systems MP8714GLE Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV8714-LE-00A
High Efficiency,10A,17V, Synchronous
Step-Down Converter Evaluation Board
EV8714-LE-00A Rev.1.0
www.MonolithicPower.com
1
12/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8714-LE-00A is used for demonstrating
the performance of MPS’s MP8714. MP8714 is
a
highly
integrated
and
high
frequency
synchronous step-down switch-mode converter.
It is optimized to support up to 10A load current
over an input supply range from 4.5V to 17V
with excellent load and line regulation.
Current-Mode operation provides fast transient
response and eases loop stabilization.
EN/SYNC
supports
external
clock
synchronization, and an open-drain power good
pin(PG) indicates when the output voltage is in
the nominal range.
Full protection features include over voltage,
hiccup over-current protection and thermal shut
down.
The
MP8714
is
available
in
QFN-
14(3mmx4mm) package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5– 17
V
Output Voltage
VOUT
1
V
Output Current
IOUT
10
A
FEATURES
 Wide 4.5V-to-17V Operating Input Range
 10A continues Output Current
 26mΩ High-side, 11mΩ Low-Side RDS(ON)
for Internal Power MOSFETS
 200kHz-2MHz Synchronized External Clock
 Programmable Soft-Start(SS) Time
 Open-Drain Power Good(PG) Indicator
 Output Over-Voltage Protection (OVP)
 Thermal Shutdown
 Available in a Small QFN-14(3mmx4mm)
Package
APPLICATIONS
 Flat-Panel Televisions and Monitors
 Set-Top Boxes
 Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV8714-LE-00A EVALUATION BOARD
Board Number
MPS IC Number
EV8714-LE-00A
MP8714GLE
0.01
30
40
50
60
70
80
90
100
0.10
1.00
10.00


Similar Part No. - MP8714GLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8714GLE MPS-MP8714GLE Datasheet
788Kb / 20P
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
More results

Similar Description - MP8714GLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8762 MPS-MP8762 Datasheet
1Mb / 39P
High Efficiency, 10A, 18V Synchronous Step-down Converter
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
EV2229-Q-00A MPS-EV2229-Q-00A Datasheet
816Kb / 6P
High Efficiency 21V, 6A,Synchronous Step-Down Converter Evaluation Board
EV2276-D-00A MPS-EV2276-D-00A Datasheet
1Mb / 8P
High Efficiency, 8A,16V Synchronous Step-down Converter Evaluation Board
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EVQ8612-L-12-00A MPS-EVQ8612-L-12-00A Datasheet
328Kb / 10P
High Efficiency, 12A, 6V Synchronous Step-down Converter Evaluation Board
EVQ8616-L-6-00A MPS-EVQ8616-L-6-00A Datasheet
708Kb / 10P
High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com