Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8759GD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8759GD
Description  26V, 8A High Current, Low IQ Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759GD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8759GD Datasheet HTML 1Page - Monolithic Power Systems MP8759GD Datasheet HTML 2Page - Monolithic Power Systems MP8759GD Datasheet HTML 3Page - Monolithic Power Systems MP8759GD Datasheet HTML 4Page - Monolithic Power Systems MP8759GD Datasheet HTML 5Page - Monolithic Power Systems MP8759GD Datasheet HTML 6Page - Monolithic Power Systems MP8759GD Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV8759-D-00A – 8A, 26V, LOW IQ, SYNCHRONOUS BUCK CONVERTER
EV8759-D-00A Rev.1.0_
www.MonolithicPower.com
2
12/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
Note:
EN resistor divider value should be modified accordingly with different input voltage. Please refer to UVLO
protection section on MP8759 datasheet for details.
EV8759-D-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
2
C1A,C1B
22μF
Ceramic Cap.,
35V, X5R
1206
TDK
C3216X5R1V226M
4
C1C,C2B,
C2G,C6
0.1μF
Ceramic Cap.,
50V, X7R
0603
TDK
C1608X7R1H104K
0
C2A
NS
4
C2C,C2D,
C2E,C2F
22μF
Ceramic Cap.,
6.3V, X5R
0805
TDK
C2012X5R0J226M
1
C3
0.22μF
Ceramic Cap.,
25V, X7R
0603
TDK
C1068X7R1E224K
1
C4
1μF
Ceramic Cap.,
16V, X5R
0603
TDK
C1608X5R1C105K
1
C5
220pF
Ceramic Cap.,
50V, C0G
0603
TDK
C1608C0G1H221J
1
R1
48.7k
Film Res., 1%
0603
ROYAL
RC0603FR-0748K7L
1
R2
66.5k
Film Res., 1%
0603
ROYAL
RC0603FR-0766K5L
1
R3
3.6Ω
Film Res., 1%
0603
ROYAL
RL0603FR-073R6L
1
R4
499k
Film Res., 1%
0603
ROYAL
RL0603FR-07499KL
1
R5
1.5M
Film Res., 1%
0603
ROYAL
RL0603FR-071M5L
1
R8
100k
Film Res., 1%
0603
ROYAL
RL0603FR-07100KL
1
R9
499Ω
Film Res., 1%
0603
ROYAL
RL0603FR-07499RL
0
R6,R7,R10
NS
1
L1
0.68μH
Inductor,
DRC=3.1mΩ,Is=20A
SMD
Wurth
744311068
1
U1
MP8759
Step-Down Converter
QFN-12
2mm×3mm
MPS
MP8759GD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com