Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8759GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8759GD
Description  26V, 8A High Current, Low IQ Synchronous Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8759GD Datasheet HTML 1Page - Monolithic Power Systems MP8759GD Datasheet HTML 2Page - Monolithic Power Systems MP8759GD Datasheet HTML 3Page - Monolithic Power Systems MP8759GD Datasheet HTML 4Page - Monolithic Power Systems MP8759GD Datasheet HTML 5Page - Monolithic Power Systems MP8759GD Datasheet HTML 6Page - Monolithic Power Systems MP8759GD Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV8759-D-00A
26V, 8A High Current, Low IQ
Synchronous Buck Converter
EV8759-D-00A Rev.1.0_
www.MonolithicPower.com
1
12/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8759-D-00A is used for demonstrating
the performance of MP8759, a fully-integrated,
high efficiency, synchronous step-down switch
mode converter. MP8759 provides up to 8A
continuous output current and 10A peak output
current over a wide input supply range with
constant-on-time control for fast loop response.
This part requires minimum number of external
components
and
is
available
in
QFN12
(2mmx3mm) package
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
12
V
Output Voltage
VOUT
1
V
Output Current
IOUT
8
A
Switching Frequency
fSW
700
kHz
FEATURES
• Wide 4.5V to 26V Operating Input Range
• Ultrasonic Mode
• 117μA low quiescent Current
• 8A Continous Output Current
• 10A Peak Output Current
• Adaptive COT for Fast transient
• DC Auto Tune Loop
• Internal Soft Start
• Output Discharge
• 700kHZ Switching Frequency
• OCP, OVP, UVP (Hiccup) Protection and
• Thermal Shutdown.
• Output Adjustable from 0.6V
• QFN-12 (2mm x 3mm) Package
APPLICATIONS
•
Laptop Computer
•
Tablet PC
•
Networking Systems
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV8759-D-00A EVALUATION BOARD
(L × W × H) 8.55cm × 8.55cm × 1.6cm
Board Number
MPS IC Number
EV8759-D-00A
MP8759GD
45.00
55.00
65.00
75.00
85.00
95.00
0.01
0.1
1
10


Similar Part No. - MP8759GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8759GD MPS-MP8759GD Datasheet
706Kb / 22P
26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
MP8759GD-P MPS-MP8759GD-P Datasheet
706Kb / 22P
26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
More results

Similar Description - MP8759GD

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5385A GMT-G5385A Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5383 GMT-G5383 Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5382 GMT-G5382 Datasheet
91Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5333 GMT-G5333 Datasheet
156Kb / 1P
High Efficiency 8A Synchronous Buck Converter
G5332A GMT-G5332A Datasheet
92Kb / 1P
High Efficiency 8A Synchronous Buck Converter
logo
Monolithic Power System...
MP8719 MPS-MP8719 Datasheet
1Mb / 22P
26V, 12A, Low IQ, High-Current, Synchronous Buck Converter with (-)1A LDO and Buffered Reference
MP8756 MPS-MP8756 Datasheet
917Kb / 22P
26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
MP8759 MPS-MP8759 Datasheet
706Kb / 22P
26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
EVNB679 MPS-EVNB679 Datasheet
249Kb / 5P
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com