Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8764GLE Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8764GLE
Description  High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764GLE Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8764GLE Datasheet HTML 1Page - Monolithic Power Systems MP8764GLE Datasheet HTML 2Page - Monolithic Power Systems MP8764GLE Datasheet HTML 3Page - Monolithic Power Systems MP8764GLE Datasheet HTML 4Page - Monolithic Power Systems MP8764GLE Datasheet HTML 5Page - Monolithic Power Systems MP8764GLE Datasheet HTML 6Page - Monolithic Power Systems MP8764GLE Datasheet HTML 7Page - Monolithic Power Systems MP8764GLE Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EV8764GLE-L-00A – 12A, 18V SYNCHRONOUS STEP-DOWN CONVERTER EV BOARD
EV8764GLE-L-00A Rev.1.0
www.MonolithicPower.com
4
6/16/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the EV8764GLE-L-00A evaluation board.
VIN = 12V, VOUT = 3V, L = 1µH, TA = +25ºC, unless otherwise noted.
INPUT VOLTAGE(V)
OUTPUT CURRENT(A)
Power Lose vs.
Output Current
Load Regulation vs.
Output Current
Line Regulation vs.
Input Voltage
OUTPUT CURRENT(A)
OUTPUT CURRENT(A)
Efficiency vs.
Output Current
50
60
70
80
90
100
0.01
0.1
1
10
100
VIN=18V
VIN=12V
VIN=8V
0
500
1000
1500
2000
2500
3000
0.01
0.1
1
10
100
VIN=18V
VIN=12V
VIN=8V
-3
-2
-1
0
1
2
0
2
4
6
8
10
12
VIN=18V
VIN=12V
VIN=8V
-5
-4
-3
-2
-1
0
1
4
6
8
10
12
14
16
18
IOUT=6A
IOUT=12A
IOUT=10mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com