Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8764GLE Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8764GLE
Description  High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764GLE Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8764GLE Datasheet HTML 1Page - Monolithic Power Systems MP8764GLE Datasheet HTML 2Page - Monolithic Power Systems MP8764GLE Datasheet HTML 3Page - Monolithic Power Systems MP8764GLE Datasheet HTML 4Page - Monolithic Power Systems MP8764GLE Datasheet HTML 5Page - Monolithic Power Systems MP8764GLE Datasheet HTML 6Page - Monolithic Power Systems MP8764GLE Datasheet HTML 7Page - Monolithic Power Systems MP8764GLE Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
EV8764GLE-L-00A – 12A, 18V SYNCHRONOUS STEP-DOWN CONVERTER EV BOARD
EV8764GLE-L-00A Rev.1.0
www.MonolithicPower.com
5
6/16/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the EV8764GLE-L-00A evaluation board.
VIN = 12V, VOUT = 3V, L = 1µH, TA = +25ºC, unless otherwise noted.
Shutdown through Input
Voltage
IOUT=0A
Start Up through Input
Voltage
IOUT=12A
Start Up through Enable
IOUT=10mA
Shutdown through Input
Voltage
IOUT=12A
Start Up through Enable
IOUT=12A
Shutdown through Enable
IOUT=10mA
VOUT
AC Coupled
50mV/div.
VIN
AC Coupled
100mV/div.
VSW
10V/div.
IL
2A/div.
VOUT
AC Coupled
20mV/div.
VIN
AC Coupled
500mV/div.
VSW
10V/div.
IL
10A/div.
Input/Output Voltage
Ripple
IOUT=0A
VOUT
2V/div.
VIN
10V/div.
VPG
5V/div.
VSW
5V/div.
IL
2A/div.
VOUT
2V/div.
VIN
4V/div.
VPG
5V/div.
VSW
5V/div.
IL
1A/div.
VOUT
2V/div.
VIN
10V/div.
VPG
5V/div.
VSW
10V/div.
IL
10A/div.
VOUT
2V/div.
VEN
5V/div.
VPG
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
2V/div.
VEN
5V/div.
VPG
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
2V/div.
VEN
5V/div.
VPG
5V/div.
VSW
10V/div.
IL
10A/div.
VOUT
2V/div.
VIN
5V/div.
VPG
5V/div.
VSW
10V/div.
IL
10A/div.
Input/Output Voltage
Ripple
IOUT=12A
Start Up through Input
Voltage
IOUT=0A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com