Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8867GLE Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8867GLE
Description  High Efficiency,8A,17V, Synchronous Step-Down Converter with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8867GLE Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8867GLE Datasheet HTML 1Page - Monolithic Power Systems MP8867GLE Datasheet HTML 2Page - Monolithic Power Systems MP8867GLE Datasheet HTML 3Page - Monolithic Power Systems MP8867GLE Datasheet HTML 4Page - Monolithic Power Systems MP8867GLE Datasheet HTML 5Page - Monolithic Power Systems MP8867GLE Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EV8867-LE-00A
High Efficiency,8A,17V, Synchronous
Step-Down Converter with I²C Interface
EV8867-LE-00A Rev.1.0
www.MonolithicPower.com
1
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV8867-LE-00A is used for demonstrating
the performance of MPS’s MP8867. MP8867 is
a
highly
integrated
and
high
frequency
synchronous step-down switcher with I2C
control interface. It is optimized to support up to
8A load current over an input supply range from
4.5V to 17V with excellent load and line
regulation.
Current-Mode operation provides fast transient
response and eases loop stabilization. The
reference voltage level can be controlled, on-
the fly through an I2C serial interface.
Reference voltage range can be adjusted from
0.6V to 1.87V in 10mV steps. Voltage scaling
slew rate, enable and power saving mode are
also selectable through the I2C interface. Full
protection features include over voltage, hiccup
over-current protection and thermal shut down.
The MP8867 is available in QFN-14(3mmx4mm)
package.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5– 17
V
Output Voltage
VOUT
1
V
Output Current
IOUT
8
A
FEATURES
 Wide 4.5V-to-17V Operating Input Range
 1% Internal Reference Accuracy
 I2C Programmable Reference Output
Voltage
 Range from 0.6V to 1.87V in 10mV Steps
with Slew Rate Control
 I2C Selectable Switching Frequency.
 200kHz-2MHz Synchronized External Clock
 OTP, OCP Hiccup Indication Via I2C
 Selectable PSM and Fs Through I2C
 Programmable Soft Start Time
 Open-Drain Power Good Indicator
 Small 3x4mm QFN 14 Package
APPLICATIONS
 SoC and Media Processors
 FPGA-based Systems
 ASIC Supplies
 Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV8867-LE-00A EVALUATION BOARD
Board Number
MPS IC Number
EV8867-LE-00A
MP8867GLE
30
40
50
60
70
80
90
100
0.01
0.10
1.00
10.00


Similar Part No. - MP8867GLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8867GLE MPS-MP8867GLE Datasheet
967Kb / 27P
High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - MP8867GLE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8761 MPS-MP8761 Datasheet
880Kb / 24P
High Efficiency, 8A, 18V, Synchronous, Step-Down Converter
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8867 MPS-MP8867 Datasheet
967Kb / 27P
High-Efficiency, 8A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8868 MPS-MP8868 Datasheet
2Mb / 27P
High-Efficiency, 10A, 17V, Synchronous Step-Down Converter with I2C Interface
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
EV8869W-L-00A MPS-EV8869W-L-00A Datasheet
1Mb / 12P
High Efficiency,12A,17V, Synchronous Step-Down Converter with I2C Interface
MP8770 MPS-MP8770 Datasheet
1Mb / 23P
17V, 8A, 700kHz, High-Efficiency, Synchronous, Step-Down
MP8771 MPS-MP8771 Datasheet
1Mb / 23P
17V, 10A, 700kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com