Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9447GL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP9447GL
Description  High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9447GL Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP9447GL Datasheet HTML 1Page - Monolithic Power Systems MP9447GL Datasheet HTML 2Page - Monolithic Power Systems MP9447GL Datasheet HTML 3Page - Monolithic Power Systems MP9447GL Datasheet HTML 4Page - Monolithic Power Systems MP9447GL Datasheet HTML 5Page - Monolithic Power Systems MP9447GL Datasheet HTML 6Page - Monolithic Power Systems MP9447GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EV9447-L-00A – 5A, 36V, STEP-DOWN CONVERTER EVALUATION BOARD
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV9447-L-00A Rev. 1.0
www.MonolithicPower.com
7
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load to the VOUT and GND pins,
respectively.
2. Preset the power supply output to between 7V and 36V, and then turn it off.
3. Connect the positive and negative terminals of the power supply output to the VIN and GND
pins, respectively.
4. Turn the power supply on. The MP9447GL will automatically startup.
5. To use the Enable function, apply a digital input to the EN pin. Drive EN higher than 1.25V to
turn on the regulator, drive EN less than 0.86V to turn it off.
6. An input under voltage lockout (UVLO) function is implemented by the addition of a resistor
divider R5 and R8. The EN threshold is 0.86V (falling edge), so VIN UVLO threshold is.
R5
0.86 (1
)
R8

7. Use R1 and R2 to set the output voltage with VFB = 0.815V. For R2 = 10kΩ, R1 can be
determined by:
OUT
R1 12.27 (V
0.815)
(kΩ). Follow the Application Information section in the
device datasheet to recalculate the compensation, inductor and output capacitor values when
output voltage is changed.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com