Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9447GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9447GL
Description  High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9447GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9447GL Datasheet HTML 1Page - Monolithic Power Systems MP9447GL Datasheet HTML 2Page - Monolithic Power Systems MP9447GL Datasheet HTML 3Page - Monolithic Power Systems MP9447GL Datasheet HTML 4Page - Monolithic Power Systems MP9447GL Datasheet HTML 5Page - Monolithic Power Systems MP9447GL Datasheet HTML 6Page - Monolithic Power Systems MP9447GL Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV9447-L-00A
High-Efficiency, Fast-Transient, 5A, 36V
Step-Down Converter Evaluation Board
EV9447-L-00A Rev. 1.0
www.MonolithicPower.com
1
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The EV9447-L-00A is an evaluation board for
the
MP9447,
a
high-efficiency
step-down
regulator with integrated power MOSFETs.
MP9447 offers a very compact solution to
achieve a 5A, continuous-output current over a
wide input-supply range with excellent load and
line regulation. It also provides fast transient
response and good stability for wide input-
supply and load range.
The EV9447-L-00A is a fully assembled and
tested evaluation board. It generates a +5V
output voltage at load current up to 5A from a
7V to 36V input range. Switching frequency is
set at 500kHz.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
7
– 36
V
Output Voltage
VOUT
5
V
Output Current
IOUT
5
A
FEATURES
 Wide 7V-to-36V Operating Input Range
 Guaranteed 5A, Continuous Output Current
 Internal 65mΩ High-Side, 30mΩ Low-Side
Power MOSFETs
 Proprietary Switching-Loss-Reduction
Technology
 1.5% Reference Voltage
 Programmable Soft-Start Time
 Low Drop-out Mode
 SCP, OCP, UVP and Thermal Shutdown
APPLICATIONS
 General Consumer
 USB Power Supplies
 Cigarette Lighter Adapters
 Power Supply for Chargers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
EV9447-L-00A EVALUATION BOARD
(L x W x H) 2.5
” x 2.5” x 0.4”
(6.4cm x 6.4cm x 1.0cm)
Board Number
MPS IC Number
EV9447-L-00A
MP9447GL


Similar Part No. - MP9447GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9447GL MPS-MP9447GL Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
More results

Similar Description - MP9447GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4470 MPS-MP4470 Datasheet
930Kb / 18P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MPQ4470 MPS-MPQ4470 Datasheet
805Kb / 20P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9447 MPS-MP9447 Datasheet
726Kb / 19P
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4470-L-01A MPS-EV4470-L-01A Datasheet
522Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EV4473-L-00A MPS-EV4473-L-00A Datasheet
450Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
EV2499M-QB-00A MPS-EV2499M-QB-00A Datasheet
949Kb / 7P
High Efficiency, 3A Max, 36V Synchronous, Step-Down Converter Evaluation Board
EV9473-L-00A MPS-EV9473-L-00A Datasheet
480Kb / 7P
High-Efficiency, Fast-Transient, 3.5A, 36V Step-Down Converter Evaluation Board
EVQ4470-L-00A MPS-EVQ4470-L-00A Datasheet
901Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com