Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012ACB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HIP1012ACB
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1012ACB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HIP1012ACB Datasheet HTML 3Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 4Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 5Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 6Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 7Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 8Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 9Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 10Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HIP1012A
FN4419 Rev 6.00
Page 7 of 15
March 2004
Typical Performance Curves
FIGURE 2. SUPPLY CURRENT
FIGURE 3. RILIM SOURCE CURRENT
FIGURE 4. CTIM CURRENT SOURCE
FIGURE 5. CTIM OC VOLTAGE THRESHOLD
FIGURE 6. 12V UV THRESHOLD
FIGURE 7. 5V/3.3V UV THRESHOLD
8.2
8.0
7.8
7.6
7.4
7.2
-40
-20
0
204060
80
TEMPERATURE (°C)
8.4
-30
-10
10
30
50
70
104
103
-40
-20
0
20
40
60
80
102
70
50
30
10
-10
-30
105
TEMPERATURE (°C)
-40
-20
0
20
40
60
-30
-10
10
30
50
70
80
10.7
10.6
10.5
10.4
10.3
TEMPERATURE (°C)
-40
-20
0
204060
-30
-10
10
30
50
70
80
2.04
2.02
2.00
1.98
1.96
1.94
TEMPERATURE (°C)
TEMPERATURE (°C)
20
40
60
80
-40
-20
0
11.00
10.98
10.96
10.94
3.3V UV
20
40
60
80
-40
-20
0
4.615
4.610
4.605
4.600
4.595
2.888
2.886
2.884
2.882
2.880
TEMPERATURE (°C)
5V UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com