Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1012ACB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP1012ACB
Description  Dual Power Distribution Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1012ACB Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP1012ACB Datasheet HTML 1Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 2Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 3Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 4Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 5Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 6Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 7Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 8Page - Renesas Technology Corp HIP1012ACB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN4419 Rev 6.00
Page 1 of 15
March 2004
FN4419
Rev 6.00
March 2004
HIP1012A
Dual Power Distribution Controller
DATASHEET
The HIP1012A is a HOT SWAP dual supply power distribution
controller. Two external N-Channel MOSFETs are driven to
distribute power while providing load fault isolation.
At turn-on, the gate of each external N-Channel MOSFET is
charged with a 10
A current source. Capacitors on each
gate (see the Typical Application Diagram), create a
programmable ramp (soft turn-on) to control inrush currents.
A built in charge pump supplies the gate drive for the 12V
supply N-Channel MOSFET switch.
Overcurrent protection is facilitated by two external current
sense resistors. When the current through either resistor
exceeds the user programmed value the controller enters the
current regulation mode. The time-out capacitor, CTIM, starts
charging as the controller enters the time out period. Once
CTIM charges to a 2V threshold, the N-Channel MOSFETs are
latched off. In the event of a fault at least three times the
current limit level, the N-Channel MOSFET gates are pulled
low immediately before entering time out period. The
controller is reset by a rising edge on either PWRON pin.
Choosing the voltage selection mode the HIP1012 controls
either +12V/5V or +3.3V/+5V supplies.
Features
• HOT SWAP Dual Power Distribution Control for +5V and
+12V or +5V and +3.3V
• Provides Fault Isolation
• Programmable Current Regulation Level
• Programmable Time Out
• Charge Pump Allows the Use of N-Channel MOSFETs
• Power Good and Overcurrent Latch Indicators
• Enhanced Overcurrent Sensitivity Available
• Redundant Power On Controls
• Adjustable Turn-On Ramp
• Protection During Turn-On
• Two Levels of Current Limit Detection Provide Fast
Response to Varying Fault Conditions
• Less Than 1
s Response Time to Dead Short
•3
s Response Time to 200% Current Overshoot
• Pb-Free Package Option
• Tape & Reel Packaging with ‘-T’ Part Number Suffix
Applications
• Redundant Array of Independent Disks (RAID) System
• Power Distribution Control
• Hot Plug, Hot Swap Components
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP1012ACB
-0 to 70
14 Ld SOIC
M14.15
HIP1012ACBZA (Note)
-0 to 70
14 Ld SOIC( Pb-free) M14.15
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Pinout
HIP1012A (SOIC)
TOP VIEW
Typical Application Diagram
8
9
10
11
12
14
13
7
6
5
4
3
2
1
3/12VS
3/12VG
VDD
PWRON2
5VG
5VS
3/12VISEN
GND
CPUMP
CTIM
RILIM
PGOOD
5VISEN
MODE/
PWRON1
12V
RLOAD
RILIM
CTIM
POWER ON
INPUTS
CPUMP
RSENSE
5V
RLOAD
RSENSE
5V OR 3.3V
OPTIONAL
RFILTER
CFILTER
VDD
RGATE
CGATE
CGATE
RGATE
3/12VS
3/12VG
M/PON1
PWRON2
PGOOD
5VG
5VS
3/12VISEN
GND
CTIM
RILIM
CPUMP
5ISEN
VDD
HIP1012A
NOT REC
OMMEND
ED FOR N
EW DESI
GNS
NO RECO
MMENDE
D REPLA
CEMENT
contact o
ur Techni
cal Supp
ort Cente
r at
1-888-INT
ERSIL or
www.inte
rsil.com/t
sc


Similar Part No. - HIP1012ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012ACB INTERSIL-HIP1012ACB Datasheet
173Kb / 15P
Dual Power Distribution Controller
November 1999
HIP1012ACB INTERSIL-HIP1012ACB Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
HIP1012ACB-T INTERSIL-HIP1012ACB-T Datasheet
173Kb / 15P
Dual Power Distribution Controller
November 1999
HIP1012ACBZA INTERSIL-HIP1012ACBZA Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
More results

Similar Description - HIP1012ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012 INTERSIL-HIP1012 Datasheet
173Kb / 15P
Dual Power Distribution Controller
November 1999
HIP1013 INTERSIL-HIP1013 Datasheet
51Kb / 7P
Low Cost Dual Power Distribution Controller
May 1999
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
HIP1013 INTERSIL-HIP1013_04 Datasheet
206Kb / 8P
Low Cost Dual Power Distribution Controller
August 2004
ISL6161 INTERSIL-ISL6161 Datasheet
221Kb / 11P
Dual Power Distribution Controller
October 2, 2008
logo
Anpec Electronics Corop...
APL3540 ANPEC-APL3540 Datasheet
313Kb / 19P
High-Side Power Distribution Controller
logo
Intersil Corporation
ISL6161IBZA INTERSIL-ISL6161IBZA Datasheet
218Kb / 11P
Dual Power Distribution Controller
October 2, 2008
logo
Renesas Technology Corp
HIP1013 RENESAS-HIP1013 Datasheet
423Kb / 7P
Low Cost Dual Power Distribution Controller
logo
Anpec Electronics Corop...
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
High-Side Power Distribution Controller
logo
Renesas Technology Corp
ISL6161 RENESAS-ISL6161 Datasheet
691Kb / 14P
Dual Power Distribution Controller
Aug 16, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com