Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1013 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP1013
Description  Low Cost Dual Power Distribution Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1013 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP1013 Datasheet HTML 1Page - Renesas Technology Corp HIP1013 Datasheet HTML 2Page - Renesas Technology Corp HIP1013 Datasheet HTML 3Page - Renesas Technology Corp HIP1013 Datasheet HTML 4Page - Renesas Technology Corp HIP1013 Datasheet HTML 5Page - Renesas Technology Corp HIP1013 Datasheet HTML 6Page - Renesas Technology Corp HIP1013 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HIP1013
FN4516 Rev 3.00
Page 4 of 7
August 2004
Absolute Maximum Ratings TA = 25°C
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +17V
3/12VG, CPUMP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 25V
3/12VISEN, 3/12VS . . . . . . . . . . . . . . . . . . . . . . . -5V to VDD + 0.3V
5VISEN, 5VS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5V to 7.5V
PGOOD, RILIM. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7.5V
MODE/PWRON1, PWRON2, 5VG . . . . . . . . . .-0.3V to VDD + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV (Class 2)
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . +10.5V to +16V
Temperature Range (TA). . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
2. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
VDD = 12V, CVG = 0.01F, RSENSE = 0.1, CBULK = 220F, ESR = 0.5, TA = TJ = 0°C to 70°C, Unless
Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CONTROL SECTION
Current Limit Threshold Voltage
(Voltage Across Sense Resistor)
VIL
RILIM = 10k
85
100
115
mV
Over Current Limit Response Time
OCLrt
Current Overload, RILIM = 10k, RSHORT = 6.0
-2
-
s
Response Time To Dead Short
RTSHORT CVG = 0.01F
-
500
1000
ns
12V Gate Turn-On Time
tON12V
CVG = 0.01F-
12
-
ms
5V Gate Turn-On Time
tON5V
CVG = 0.01F-
5
-
ms
Gate Turn-On Current
ION
CVG = 0.01F
8
10
12
A
12V Under Voltage Threshold
12VVUV
10.5
10.8
11.0
V
5V Under Voltage Threshold
5VVUV
4.35
4.5
4.65
V
3.3V Under Voltage Threshold
3.3VVUV
2.65
2.8
2.95
V
Charge pumped 12VG Voltage
V12VG
CPUMP = 0.1F
16.8
17.3
17.9
V
3/5VG High Voltage
3/5VG
11.2
11.9
-
V
SUPPLY CURRENT AND IO SPECIFICATIONS
VDD Supply Current
IVDD
48
10
mA
VDD POR Rising Threshold
PORrvth
9.5
10.0
10.5
V
VDD POR Falling Threshold
PORfvth
9.3
9.8
10.3
V
PWRON Pull-up Voltage
PWRN_V
PWRON pins open
1.8
2.4
3.2
V
PWRON Rising Threshold
PWR_Vth
1.1
1.5
2
V
PWRON Hysteresis
PWR_hys
0.1
0.2
0.3
V
PWRON Pull-Up Current
PWRN_I
60
80
100
A
RILIM Pin Current Source Output
RILIM_Io
90
100
110
A
Charge Pump Output Current
Qpmp_Io
CPUMP = 0.1F, CPUMP = 16V
400
590
800
A
Charge Pump Output Voltage
Qpmp_Vo
No load
17.2
17.4
-
V
Charge Pump Output Voltage - Loaded
Qpmp_VIo Load current = 100
A
16.2
16.7
-
V
Charge Pump POR Rising Threshold
Qpmp+Vth
15.6
16
16.5
V
Charge Pump POR Falling Threshold
Qpmp-Vth
15.2
15.7
16.2
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com