Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP1013 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP1013
Description  Low Cost Dual Power Distribution Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP1013 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP1013 Datasheet HTML 1Page - Renesas Technology Corp HIP1013 Datasheet HTML 2Page - Renesas Technology Corp HIP1013 Datasheet HTML 3Page - Renesas Technology Corp HIP1013 Datasheet HTML 4Page - Renesas Technology Corp HIP1013 Datasheet HTML 5Page - Renesas Technology Corp HIP1013 Datasheet HTML 6Page - Renesas Technology Corp HIP1013 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FN4516 Rev 3.00
Page 1 of 7
August 2004
FN4516
Rev 3.00
August 2004
HIP1013
Low Cost Dual Power Distribution Controller
DATASHEET
The HIP1013 is a low cost HOT SWAP dual supply power
distribution controller. Two external N-Channel MOSFETs are
driven to distribute power while providing load fault isolation. At
turn-on, the gate of each external N-Channel MOSFET is
charged with a 10
A current source. Capacitors on each gate
(see the Typical Application Diagram), create a programmable
ramp (soft turn-on) to control inrush currents. A built in charge
pump supplies the gate drive for the 12V supply N-Channel
MOSFET switch.
Over current protection is facilitated by two external current
sense resistors. When the current through either resistor
exceeds the user programmed value the N-Channel MOSFETs
are latched off by the HIP1013. The controller is reset by a
rising edge on either PWRON pin.
Choosing the voltage selection mode the HIP1013 controls
either +12V/5V or +3.3V/+5V supplies.
Although pin compatible with the HIP1012 device, the HIP1013
does not offer current regulation during an OC event.
Pinout
HIP1013 (SOIC)
TOP VIEW
Features
• HOT SWAP Dual Power Distribution Control for +5V and
+12V or +5V and +3.3V
• Provides Fault Isolation
• Charge Pump Allows the Use of N-Channel MOSFETs
• Redundant Power On Controls
• Power Good and Over Current Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn-On
• Pb-free Available
Applications
• Power Distribution Control
• Hot Plug™ Components
Typical Application Diagram
Ordering Information
PART
NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HIP1013CB
-0 to 70
14 Ld SOIC
M14.15
HIP1013CBZA (Note)
-0 to 70
14 Ld SOIC
(Pb-free)
M14.15
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
*Tape & Reel packaging available with “-T” suffix..
3/12VS
3/12VG
VDD
PWRON2
5VG
5VS
3/12VISEN
GND
CPUMP
NC
RILIM
PGOOD
5VISEN
MODE/
PWRON1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
3/12VS
3/12VG
PWRON2
PGOOD
5VG
5VS
3/12VISEN
GND
NC
RILIM
CPUMP
5ISEN
VDD
HIP1013
12V
RLOAD
RILIM
CPUMP
RSENSE
5V
RLOAD
RSENSE
5V
VDD
CGATE
CGATE
M/PON1
POWER ON
INPUTS
NOT RECOMMENDED FOR NEW DESIGNS
NO RECOMMENDED REPLACEMENT
contact our Technical Support Center at
1-888-INTERSIL or www.intersil.com/tsc


Similar Part No. - HIP1013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1013 INTERSIL-HIP1013 Datasheet
51Kb / 7P
Low Cost Dual Power Distribution Controller
May 1999
HIP1013CB INTERSIL-HIP1013CB Datasheet
51Kb / 7P
Low Cost Dual Power Distribution Controller
May 1999
HIP1013CB INTERSIL-HIP1013CB Datasheet
206Kb / 8P
Low Cost Dual Power Distribution Controller
August 2004
HIP1013CB-T INTERSIL-HIP1013CB-T Datasheet
51Kb / 7P
Low Cost Dual Power Distribution Controller
May 1999
HIP1013CBZA INTERSIL-HIP1013CBZA Datasheet
206Kb / 8P
Low Cost Dual Power Distribution Controller
August 2004
More results

Similar Description - HIP1013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1012 INTERSIL-HIP1012 Datasheet
173Kb / 15P
Dual Power Distribution Controller
November 1999
HIP1013 INTERSIL-HIP1013 Datasheet
51Kb / 7P
Low Cost Dual Power Distribution Controller
May 1999
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
Low-Cost DTAD Controller
logo
List of Unclassifed Man...
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
LOW COST VGA CONTROLLER
logo
Intersil Corporation
HIP1012A INTERSIL-HIP1012A_04 Datasheet
543Kb / 15P
Dual Power Distribution Controller
March 2004
HIP1013 INTERSIL-HIP1013_04 Datasheet
206Kb / 8P
Low Cost Dual Power Distribution Controller
August 2004
ISL6161 INTERSIL-ISL6161 Datasheet
221Kb / 11P
Dual Power Distribution Controller
October 2, 2008
ISL6161IBZA INTERSIL-ISL6161IBZA Datasheet
218Kb / 11P
Dual Power Distribution Controller
October 2, 2008
logo
Renesas Technology Corp
HIP1012A RENESAS-HIP1012A Datasheet
864Kb / 15P
Dual Power Distribution Controller
ISL6161 RENESAS-ISL6161 Datasheet
691Kb / 14P
Dual Power Distribution Controller
Aug 16, 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com