Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7616 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7616
Description  15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7616 Datasheet(HTML) 2 Page - Exar Corporation

  MP7616 Datasheet HTML 1Page - Exar Corporation MP7616 Datasheet HTML 2Page - Exar Corporation MP7616 Datasheet HTML 3Page - Exar Corporation MP7616 Datasheet HTML 4Page - Exar Corporation MP7616 Datasheet HTML 5Page - Exar Corporation MP7616 Datasheet HTML 6Page - Exar Corporation MP7616 Datasheet HTML 7Page - Exar Corporation MP7616 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP7616
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7616JD
Ceramic Dip
MP7616KD
Ceramic Dip
MP7616TD*
Plastic Dip
MP7616JN
Plastic Dip
MP7616KN
–40 to +85
°C
–40 to +85
°C
–55 to +125
°C
–40 to +85
°C
–40 to +85
°C
+14
+14
+7
+7
+7
+16
+16
+8
+8
+8
+0.8
+0.8
+0.8
+0.8
+0.8
SOIC
MP7616JS
SOIC
MP7616KS
–40 to +85
°C
–40 to +85
°C
+14
+7
+16
+8
+0.8
+0.8
INL
(LSB)
DNL
(LSB)
Gain Error
(% FSR)
*Contact factory for non-compliant military processing
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
22
21
20
19
18
17
16
15
14
13
11
12
22 Pin CDIP, PDIP (0.400”)
D22, N22
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 2
BIT 1 (MSB)
BIT 16 (LSB)
BIT 15
BIT 14
GND
IOUT2
IOUT1
RFB
VREF
VDD
24 Pin SOIC (Jedec, 0.300”)
S24
BIT 2
BIT 1 (MSB)
BIT 16 (LSB)
BIT 15
BIT 14
GND
IOUT2
IOUT1
RFB
VREF
VDD
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
24
1
13
12
2
3
4
5
6
7
15
14
17
16
8
9
19
18
10
11
23
22
21
20
N/C
N/C
See Packaging Section for Package Dimensions
1
N/C
No Connection
1
2
BIT 3
Data Input Bit 3
2
3
BIT 4
Data Input Bit 4
3
4
BIT 5
Data Input Bit 5
4
5
BIT 6
Data Input Bit 6
5
6
BIT 7
Data Input Bit 7
6
7
BIT 8
Data Input Bit 8
7
8
BIT 9
Data Input Bit 9
8
9
BIT 10
Data Input Bit 10
9
10
BIT 11
Data Input Bit 11
10
11
BIT 12
Data Input Bit 12
11
12
BIT 13
Data Input Bit 13
PIN OUT DEFINITIONS
DIP
NAME
DESCRIPTION
13
N/C
No Connection
12
14
BIT 14
Data Input Bit 14
13
15
BIT 15
Data Input Bit 15
14
16
BIT 16
Data Input Bit 16 (LSB)
15
17
VDD
Positive Power Supply
16
18
VREF
Reference Input Voltage
17
19
RFB
Internal Feedback Resistor
18
20
IOUT1
Current Output 1
19
21
IOUT2
Current Output 2
20
22
GND
Ground
21
23
BIT 1
Data Input Bit 1 (MSB)
22
24
BIT 2
Data Input Bit 2
SOIC
DIP
NAME
DESCRIPTION
SOIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com