Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7616 Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7616
Description  15 V CMOS 16-Bit Multiplying Digital-to-Analog Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7616 Datasheet(HTML) 3 Page - Exar Corporation

  MP7616 Datasheet HTML 1Page - Exar Corporation MP7616 Datasheet HTML 2Page - Exar Corporation MP7616 Datasheet HTML 3Page - Exar Corporation MP7616 Datasheet HTML 4Page - Exar Corporation MP7616 Datasheet HTML 5Page - Exar Corporation MP7616 Datasheet HTML 6Page - Exar Corporation MP7616 Datasheet HTML 7Page - Exar Corporation MP7616 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP7616
3
Rev. 2.00
ELECTRICAL CHARACTERISTICS
(VDD = + 15 V, VREF = +10 V unless otherwise noted)
25
°C
Tmin to Tmax
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE1
FSR = Full Scale Range
Resolution (All Grades)
N
16
16
Bits
Integral Non-Linearity5
INL
LSB
Best Fit Straight Line Spec.
(Relative Accuracy)
(Max INL – Min INL) / 2
J+14
+14
K, T
+7+7
Differential Non-Linearity5
DNL
LSB
J+16
+16
K, T
+8+8
Gain Error
GE
+0.8
% FSR
Using Internal RFB
Gain Temperature Coefficient2
TCGE
+2.0
ppm/
°C
∆Gain/∆Temperature
Non-Linearity Tempco2
+0.5
ppm/
°C
Differential Linearity Tempco2
+0.5
ppm/
°C
Power Supply Rejection Ratio
PSRR
+5+50
+50
ppm/%
|∆Gain/∆VDD| ∆VDD = + 5%
Output Leakage Current6
IOUT
+1+10
+200
nA
DYNAMIC PERFORMANCE2
Current Settling Time
tS
2
µs
To 0.01% of FSR; all digital inputs
low to high and high to low
Feedthrough at IOUT1
FT
1
2
mV p-p
VREF = 10kHz, 20 Vp-p
REFERENCE INPUT
Input Resistance
RIN
13
10
1
10
k
Ω
DIGITAL INPUTS3
Logical “1” Voltage
VIH
3.0
2.4
3.0
V
Logical “0” Voltage
VIL
0.8
0.8
V
Input Leakage Current
ILKG
+1.0
+1.0
µA
ANALOG OUTPUTS2
Output Capacitance
COUT1
100
pF
DAC Inputs all 1’s
COUT1
50
pF
DAC Inputs all 0’s
COUT2
50
pF
DAC Inputs all 1’s
COUT2
100
pF
DAC Inputs all 0’s
POWER SUPPLY4
Functional Voltage Range2
VDD
4.5
15
16
4.5
16
V
Supply Current
IDD
0.4
4
4
mA
All digital inputs = 0 V or all = 5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com