Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS9012 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCS9012
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCS9012 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCS9012 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9012 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9012 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9012 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
1 / 4
HCS9012(PNP)
GENERAL PURPOSE TRANSISTOR
REPLACEMENT TYPE : S9012
FEATURES
Complementary to HCS9013V
Excellent hFE Linearity
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol Test conditions
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
VCBO
IC=-100μA, IE=0
-40
V
Collector-Emitter Breakdown Voltage
VCEO
IC=-1mA, IB=0
-25
V
Emitter-Base Breakdown Voltage
VEBO
IE=-100μA , IC=0
-5
V
Collector Cut-off Current
ICBO
VCB=-40V , IE=0
-0.1
μA
Collector Cut-off Current
ICEO
VCE=-20V, IB=0
-0.1
μA
Emitter Cut-off Current
IEBO
VEB=-5V , IC=0
-0.1
μA
DC Current Gain
hFE(1)
VCE=-1V , IC=-50mA
64
400
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA , IB=-50mA
-0.6
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-500mA , IB=-50mA
-1.2
V
Transition Frequency
fT
VCE=-6V,IC=-20mA,f=30MHz
150
MHz
CLASSIFICATION OF hFE
Rank
D
E
F
G
H
I
J
Range
64-91
78-112
96-135
112-166
144-202
190-300
300-400
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-25
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current-Continuous
IC
-0.5
A
Collector Power Dissipation
PD
625
mW
Thermal Resistance Junction to Ambient
RӨJA
200
°C /W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55-150
°C
TO-92
1:EMITTER
2:BASE 3:COLLECTOR


Similar Part No. - HCS9012

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
HCS9013 HOTTECH-HCS9013 Datasheet
211Kb / 4P
GENERAL PURPOSE TRANSISTOR
HCS9014 HOTTECH-HCS9014 Datasheet
215Kb / 4P
GENERAL PURPOSE TRANSISTOR
HCS9015 HOTTECH-HCS9015 Datasheet
219Kb / 4P
GENERAL PURPOSE TRANSISTOR
HCS9018 HOTTECH-HCS9018 Datasheet
369Kb / 4P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HCS9012

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com