Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS9012 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HCS9012
Description  GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HCS9012 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HCS9012 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9012 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9012 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HCS9012 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©GUANGDONG HOTTECH INDUSTRIAL CO.,LTD
E-mail:hkt@heketai.com
2 / 4
HCS9012(PNP)
GENERAL PURPOSE TRANSISTOR
Typical Characteristics
-0
-2
-4
-6
-8
-10-12
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-0
-300
-600
-900
-1200
-1
-10
-100
-1
-10
-100
10
100
-0.1
-1
-10
1
10
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
-1
-10-100
-400
-800
-1200
-1
-10-100
-10
-100
-1
-10
-100
10
100
COMMON
EMITTER
T
a
=25
-20uA
-18uA
-16uA
-14uA
-12uA
-10uA
-8uA
-6uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
I
C
——
V
CE
I
B
=-2uA
-4uA
-500
V
BE
I
C
——
COMMON EMITTER
V
CE
=-1V
BASE-EMMITER VOLTAGE
V
BE
(mV)
I
C
COMMON EMITTER
V
CE
=-6V
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
400
-20
V
CB
/V
EB
C
ob
/C
ib
——
REVERSE VOLTAGE
V
(V)
C
ib
C
ob
f=1MHz
I
E
=0/I
C
=0
T
a
=25
50
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
f
T
——
-500
T a=1
00
T a=2
5
=10
I
C
V
BEsat
——
COLLECTOR CURRENT
I
C
(mA)
-500
-500
=10
T a=
25
T a=
10
0
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
COLLECTOR CURRENT
I
C
(mA)
T
a
=25
T
a
=100
h
FE
——
I
C
500
-500
V
CE
=-1V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com